Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1412KV18-250BZXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1412KV18-250BZXC
Description  36-Mbit QDR짰 II SRAM Two-Word Burst Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1412KV18-250BZXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1412KV18-250BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1412KV18-250BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1412KV18-250BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1412KV18-250BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1412KV18-250BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1412KV18-250BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1412KV18-250BZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1412KV18-250BZXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1412KV18-250BZXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
CY7C1425KV18
CY7C1412KV18
CY7C1414KV18
Document Number: 001-57825 Rev. *I
Page 8 of 33
ZQ
Input
Output impedance matching input. This input is used to tune the device outputs to the system data
bus impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 × RQ, where RQ is a resistor
connected between ZQ and ground. Alternatively, connect this pin directly to VDDQ, which enables the
minimum impedance mode. This pin cannot be connected directly to GND or left unconnected.
DOFF
Input
PLL turn off
 active LOW. Connecting this pin to ground turns off the PLL inside the device. The timing
in the operation with the PLL turned off differs from those listed in this data sheet. For normal operation,
connect this pin to a pull up through a 10 K
 or less pull-up resistor. The device behaves in QDR I mode
when the PLL is turned off. In this mode, the device can be operated at a frequency of up to 167 MHz
with QDR I timing.
TDO
Output
TDO pin for JTAG.
TCK
Input
TCK pin for JTAG.
TDI
Input
TDI pin for JTAG.
TMS
Input
TMS pin for JTAG.
NC
N/A
Not connected to the die. Can be tied to any voltage level.
NC/72M
Input
Not connected to the die. Can be tied to any voltage level.
NC/144M
Input
Not connected to the die. Can be tied to any voltage level.
NC/288M
Input
Not connected to the die. Can be tied to any voltage level.
VREF
Input-
reference
Reference voltage input. Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power supply Power supply inputs to the core of the device.
VSS
Ground
Ground for the device.
VDDQ
Power supply Power supply inputs for the outputs of the device.
Pin Definitions (continued)
Pin Name
I/O
Pin Description


Similar Part No. - CY7C1412KV18-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1412KV18-250BZC CYPRESS-CY7C1412KV18-250BZC Datasheet
863Kb / 30P
   36-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1412KV18-250BZI CYPRESS-CY7C1412KV18-250BZI Datasheet
863Kb / 30P
   36-Mbit QDR짰 II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1412KV18-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1425KV18 CYPRESS-CY7C1425KV18_12 Datasheet
893Kb / 33P
   36-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1411KV18 CYPRESS-CY7C1411KV18_12 Datasheet
936Kb / 35P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1310KV18 CYPRESS-CY7C1310KV18 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312BV18 CYPRESS-CY7C1312BV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1625KV18 CYPRESS-CY7C1625KV18 Datasheet
894Kb / 33P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C14101KV18 CYPRESS-CY7C14101KV18 Datasheet
894Kb / 31P
   36-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1525KV18 CYPRESS-CY7C1525KV18_12 Datasheet
893Kb / 34P
   72-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1411KV18 CYPRESS-CY7C1411KV18 Datasheet
955Kb / 33P
   36-Mbit QDR짰 II SRAM 4-Word Burst Architecture
CY7C1410KV18 CYPRESS-CY7C1410KV18 Datasheet
863Kb / 30P
   36-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1418KV18 CYPRESS-CY7C1418KV18_12 Datasheet
1Mb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com