Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD835ARZ Datasheet(PDF) 9 Page - Analog Devices

Part No. AD835ARZ
Description  250 MHz, Voltage Output, 4-Quadrant Multiplier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD835ARZ Datasheet(HTML) 9 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD835
Rev. D | Page 9 of 16
10dB/DIV
+2.5V
–2.5V
10ns
1V
Figure 15. Maximum Output Voltage Swing, RL = 50 Ω, CL ≤ 5 pF
TEMPERATURE (
°C)
10
15
5
0
–5
–10
–15
–55
–35
–15
5
25
45
65
85
105
125
OUTPUT OFFSET DRIFT WILL
TYPICALLY BE WITHIN SHADED AREA
OUTPUT VOS DRIFT, NORMALIZED TO 0 AT 25°C
Figure 16. VOS Output Drift vs. Temperature
RF FREQUENCY INPUT TO X CHANNEL (MHz)
30
35
25
20
15
10
5
0
0
20
40
60
80
100
120
140
160
180
200
X CH = 6dBm
Y CH = 10dBm
RL = 100Ω
Figure 17. Fixed LO on Y Channel vs. RF Frequency Input to X Channel
LO FREQUENCY ON Y CHANNEL (MHz)
30
35
25
20
15
10
5
0
0
20
40
60
80
100
120
140
160
180
200
X CH = 6dBm
Y CH = 10dBm
RL = 100Ω
Figure 18. Fixed IF vs. LO Frequency on Y Channel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn