Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD835ARZ Datasheet(PDF) 4 Page - Analog Devices

Part No. AD835ARZ
Description  250 MHz, Voltage Output, 4-Quadrant Multiplier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD835ARZ Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD835
Rev. D | Page 4 of 16
Parameter
Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Voltage Swing
±2.2
±2.5
V
vs. Temperature
TMIN to TMAX2
±2.0
V
Voltage Noise Spectral Density
X = Y = 0 V, f < 10 MHz
50
nV/√Hz
Offset Voltage
±25
±751
mV
vs. Temperature3
TMIN to TMAX2
±10
mV
Short-Circuit Current
75
mA
Scale Factor Error
±5
±81
% FS
vs. Temperature
TMIN to TMAX2
±9
% FS
Linearity (Relative Error)4
±0.5
±1.01
% FS
vs. Temperature
TMIN to TMAX2
±1.25
% FS
POWER SUPPLIES
Supply Voltage
For Specified Performance
±4.5
±5
±5.5
V
Quiescent Supply Current
16
251
mA
vs. Temperature
TMIN to TMAX2
26
mA
PSRR at Output vs. VP
+4.5 V to +5.5 V
0.51
%/V
PSRR at Output vs. VN
−4.5 V to −5.5 V
0.5
%/V
1 All minimum and maximum specifications are guaranteed. These specifications are tested on all production units at final electrical test.
2 TMIN = −40°C, TMAX = 85°C.
3 Normalized to zero at 25°C.
4 Linearity is defined as residual error after compensating for input offset, output voltage offset, and scale factor errors.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn