Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1470BV25-250AXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1470BV25-250AXI
Description  72-Mbit (2 M x 36/4 M x 18) Pipelined SRAM with NoBL??Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1470BV25-250AXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1470BV25-250AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1470BV25-250AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1470BV25-250AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1470BV25-250AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1470BV25-250AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1470BV25-250AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1470BV25-250AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1470BV25-250AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1470BV25-250AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
CY7C1470BV25
CY7C1472BV25
Document Number: 001-15032 Rev. *K
Page 5 of 29
Figure 2. 165-ball FBGA (15 × 17 × 1.4 mm) pinout
Pin Configurations (continued)
CY7C1470BV25 (2 M × 36)
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC/576M
NC/1G
DQPc
DQc
DQPd
NC
DQd
A
CE1
BWb
CE3
BWc
CEN
A
CE2
DQc
DQd
DQd
MODE
NC
DQc
DQc
DQd
DQd
DQd
A
VDDQ
BWd
BWa
CLK
WE
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
NC
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
TDI
A
A
DQc
VSS
DQc
VSS
DQc
DQc
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQd
DQd
NC/144M
NC
VDDQ
VSS
TMS
89
10
11
NC/288M
A
A
ADV/LD
NC
OE
A
A
NC
VSS
VDDQ
NC
DQPb
VDDQ
VDD
DQb
DQb
DQb
NC
DQb
NC
DQa
DQa
VDD
VDDQ
VDD
VDDQ
DQb
VDD
NC
VDD
DQa
VDD
VDDQ
DQa
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQa
VDDQ
A
A
VSS
A
A
A
DQb
DQb
DQb
ZZ
DQa
DQa
DQPa
DQa
A
VDDQ
A
A


Similar Part No. - CY7C1470BV25-250AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1470BV25-250AXI CYPRESS-CY7C1470BV25-250AXI Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25-250AXI CYPRESS-CY7C1470BV25-250AXI Datasheet
890Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1470BV25-250AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1470V25 CYPRESS-CY7C1470V25_11 Datasheet
878Kb / 31P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_13 Datasheet
721Kb / 38P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25_11 Datasheet
981Kb / 29P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33_13 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M 횞 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_13 Datasheet
506Kb / 39P
   72-Mbit (2 M × 36/4 M × 18/1 M × 72) Pipelined SRAM with NoBL™ Architecture
June 27, 2013
CY7C1460AV33 CYPRESS-CY7C1460AV33_11 Datasheet
972Kb / 28P
   36-Mbit (1 M x 36/2 M x 18) Pipelined SRAM with NoBL Architecture
CY7C1471BV33 CYPRESS-CY7C1471BV33_11 Datasheet
953Kb / 35P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1370D CYPRESS-CY7C1370D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com