Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1471V25-133AXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1471V25-133AXC
Description  72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1471V25-133AXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1471V25-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1471V25-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1471V25-133AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1471V25-133AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1471V25-133AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1471V25-133AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1471V25-133AXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1471V25-133AXC Datasheet HTML 14Page - Cypress Semiconductor CY7C1471V25-133AXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
CY7C1471V25
Document Number: 38-05287 Rev. *P
Page 11 of 23
Capacitance
Parameter [15]
Description
Test Conditions
100-pin TQFP
Max
Unit
CADDRESS
Address input capacitance
TA = 25 C, f = 1 MHz,
VDD = 2.5 V, VDDQ = 2.5 V
6
pF
CDATA
Data input capacitance
5
pF
CCTRL
Control input capacitance
8
pF
CCLK
Clock input capacitance
6
pF
CIO
Input-output capacitance
5
pF
Thermal Resistance
Parameter [15]
Description
Test Conditions
100-pin TQFP
Package
Unit
JA
Thermal resistance
(junction to ambient)
Test conditions follow standard test methods and
procedures for measuring thermal impedance, according
to EIA/JESD51.
24.63
C/W
JC
Thermal resistance
(junction to case)
2.28
C/W
AC Test Loads and Waveforms
Figure 2. AC Test Loads and Waveforms
OUTPUT
R = 1667
R = 1538
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50 
Z0 = 50 
VL = 1.25 V
2.5 V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
 1 ns
 1 ns
(c)
2.5 V I/O Test Load
Note
15. Tested initially and after any design or process change that may affect these parameters.


Similar Part No. - CY7C1471V25-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1471V25-133AXC CYPRESS-CY7C1471V25-133AXC Datasheet
373Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V25-133AXC CYPRESS-CY7C1471V25-133AXC Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1471V25-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1471V33 CYPRESS-CY7C1471V33_13 Datasheet
698Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_12 Datasheet
680Kb / 22P
   72-Mbit (2 M 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_08 Datasheet
859Kb / 32P
   36 Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33 Datasheet
1Mb / 31P
   36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471BV33 CYPRESS-CY7C1471BV33_11 Datasheet
953Kb / 35P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_06 Datasheet
511Kb / 29P
   36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
   4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com