Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1383D-133AXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1383D-133AXC
Description  18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1383D-133AXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1383D-133AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1383D-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1383D-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1383D-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1383D-133AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1383D-133AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1383D-133AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1383D-133AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1383D-133AXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
CY7C1381D
CY7C1383D
CY7C1383F
Document Number: 38-05544 Rev. *P
Page 9 of 37
Truth Table
The truth table for CY7C1381D/CY7C1383D/CY7C1383F follows. [2, 3, 4, 5, 6]
Cycle Description
Address Used CE1 CE2 CE3 ZZ ADSP ADSC ADV WRITE OE CLK
DQ
Deselected Cycle, Power Down
None
H
X
X
L
X
L
X
X
X
L–H Tri-State
Deselected Cycle, Power Down
None
L
L
X
L
L
X
X
X
X
L–H Tri-State
Deselected Cycle, Power Down
None
L
X
H
L
L
X
X
X
X
L–H Tri-State
Deselected Cycle, Power Down
None
L
L
X
L
H
L
X
X
X
L–H Tri-State
Deselected Cycle, Power Down
None
X
X
X
L
H
L
X
X
X
L–H Tri-State
Sleep Mode, Power Down
None
X
X
X
H
X
X
X
X
X
X
Tri-State
Read Cycle, Begin Burst
External
L
H
L
L
L
X
X
X
L
L–H
Q
Read Cycle, Begin Burst
External
L
H
L
L
L
X
X
X
H
L–H Tri-State
Write Cycle, Begin Burst
External
L
H
L
L
H
L
X
L
X
L–H
D
Read Cycle, Begin Burst
External
L
H
L
L
H
L
X
H
L
L–H
Q
Read Cycle, Begin Burst
External
L
H
L
L
H
L
X
H
H
L–H Tri-State
Read Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
L
L–H
Q
Read Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
H
L–H Tri-State
Read Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
L
L–H
Q
Read Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
H
L–H Tri-State
Write Cycle, Continue Burst
Next
X
X
X
L
H
H
L
L
X
L–H
D
Write Cycle, Continue Burst
Next
H
X
X
L
X
H
L
L
X
L–H
D
Read Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
H
L
L–H
Q
Read Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
H
H
L–H Tri-State
Read Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
L
L–H
Q
Read Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
H
L–H Tri-State
Write Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
L
X
L–H
D
Write Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
L
X
L–H
D
Notes
2. X = Don't Care, H = Logic HIGH, L = Logic LOW.
3. WRITE = L when any one or more byte write enable signals, and BWE = L or GW = L. WRITE = H when all byte write enable signals, BWE, GW = H.
4. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
5. The SRAM always initiates a read cycle when ADSP is asserted, regardless of the state of GW, BWE, or BWX. Writes may occur only on subsequent clocks after the
ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to tristate. OE is a don't care for the
remainder of the write cycle.
6. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle all data bits are tristate when OE is inactive
or when the device is deselected, and all data bits behave as output when OE is active (LOW).


Similar Part No. - CY7C1383D-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1383D-133AXC CYPRESS-CY7C1383D-133AXC Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383D-133AXC CYPRESS-CY7C1383D-133AXC Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1383D-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV33 CYPRESS-CY7C1441AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
CY7C1380D CYPRESS-CY7C1380D_13 Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25_13 Datasheet
1Mb / 33P
   36-Mbit (1 M x 36/512 K x 72) Flow-Through SRAM
CY7C1363D CYPRESS-CY7C1363D Datasheet
755Kb / 22P
   9-Mbit (512 K x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_11 Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1461AV33 CYPRESS-CY7C1461AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM with NoBL Architecture
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1386D CYPRESS-CY7C1386D_11 Datasheet
1Mb / 36P
   18-Mbit (512 K x 36/1 M x 18) Pipelined DCD Sync SRAM
CY7C1370D CYPRESS-CY7C1370D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_11 Datasheet
795Kb / 32P
   9-Mbit (256 K x 36 / 512 K x 18) Flow-through SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com