Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C136AE-55NXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C136AE-55NXI
Description  1 K / 2 K x 8 Dual-port Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C136AE-55NXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C136AE-55NXI Datasheet HTML 3Page - Cypress Semiconductor CY7C136AE-55NXI Datasheet HTML 4Page - Cypress Semiconductor CY7C136AE-55NXI Datasheet HTML 5Page - Cypress Semiconductor CY7C136AE-55NXI Datasheet HTML 6Page - Cypress Semiconductor CY7C136AE-55NXI Datasheet HTML 7Page - Cypress Semiconductor CY7C136AE-55NXI Datasheet HTML 8Page - Cypress Semiconductor CY7C136AE-55NXI Datasheet HTML 9Page - Cypress Semiconductor CY7C136AE-55NXI Datasheet HTML 10Page - Cypress Semiconductor CY7C136AE-55NXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CY7C131E, CY7C131AE
CY7C136E, CY7C136AE
Document Number: 001-64231 Rev. *E
Page 7 of 20
Busy/Interrupt Timing[17]
tBLA
BUSY LOW from Address match
15–20
ns
tBHA
BUSY HIGH from Address mismatch [18]
15–20
ns
tBLC
BUSY LOW from CE LOW
15–20
ns
tBHC
BUSY HIGH from CE HIGH [18]
15–20
ns
tPS
Port setup for priority
5
–5–
ns
tBDD
BUSY HIGH to valid data
15–25
ns
tDDD
Write data valid to read data valid [19]
25–30
ns
tWDD
Write pulse to data delay [19]
30–45
ns
Interrupt Timing
tWINS
R/W to INTERRUPT set time
15–25
ns
tEINS
CE to INTERRUPT set time
15–25
ns
tINS
Address to INTERRUPT set time
15–25
ns
tOINR
OE to INTERRUPT reset time [18]
15–25
ns
tEINR
CE to INTERRUPT reset time [18]
15–25
ns
tINR
Address to INTERRUPT reset time [18]
15–25
ns
Switching Characteristics (continued)
Over the Operating Range
Parameter [11]
Description
7C131E-15/7C131AE-15
7C131E-25/7C136E-25
Unit
Min
Max
Min
Max
Notes
17. Test conditions used are Load 2.
18. These parameters are measured from the input signal changing, until the output pin goes to a high impedance state.
19. A write operation on Port A, where Port A has priority, leaves the data on Port B’s outputs undisturbed until one access time after one of the following:
BUSY on Port B goes HIGH.
Port B’s address toggled.
CE for Port B is toggled.


Similar Part No. - CY7C136AE-55NXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C136AE-55NXI CYPRESS-CY7C136AE-55NXI Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
More results

Similar Description - CY7C136AE-55NXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131E CYPRESS-CY7C131E Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
CY7C130 CYPRESS-CY7C130_12 Datasheet
480Kb / 22P
   1 K 횞 8 Dual-Port Static RAM
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY62128E CYPRESS-CY62128E_13 Datasheet
970Kb / 19P
   1-Mbit (128 K x 8) Static RAM
CY621282BN_1106 CYPRESS-CY621282BN_1106 Datasheet
508Kb / 14P
   1-Mbit (128 K x 8) Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
CY62138F CYPRESS-CY62138F_13 Datasheet
628Kb / 16P
   2-Mbit (256 K x 8) Static RAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com