Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1350G-200AXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1350G-200AXI
Description  4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1350G-200AXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1350G-200AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CY7C1350G
Document Number: 38-05524 Rev. *N
Page 8 of 22
Truth Table
The Truth Table for part CY7C1350G is as follows. [4, 5, 6, 7, 8, 9, 10]
Operation
Address Used CE ZZ ADV/LD WE BWx OE CEN CLK
DQ
Deselect cycle
None
H
L
L
X
X
X
L
L–H
Tristate
Continue deselect cycle
None
X
L
H
X
X
X
L
L–H
Tristate
Read cycle (begin burst)
External
L
L
L
H
X
L
L
L–H Data out (Q)
Read cycle (continue burst)
Next
X
L
H
X
X
L
L
L–H Data out (Q)
NOP/dummy read (begin burst)
External
L
L
L
H
X
H
L
L–H
Tristate
Dummy read (continue burst)
Next
X
L
H
X
X
H
L
L–H
Tristate
Write cycle (begin burst)
External
L
L
L
L
L
X
L
L–H
Data in (D)
Write cycle (continue burst)
Next
X
L
H
X
L
X
L
L–H
Data in (D)
NOP/WRITE ABORT (begin burst)
None
L
L
L
L
H
X
L
L–H
Tristate
WRITE ABORT (continue burst)
Next
X
L
H
X
H
X
L
L–H
Tristate
IGNORE CLOCK EDGE (stall)
Current
X
L
X
X
X
X
H
L–H
SNOOZE MODE
None
X
H
X
XXXX
X
Tristate
Notes
4. X =”Don't Care.” H = Logic HIGH, L = Logic LOW. CE stands for all chip enables active. BWx = L signifies at least one byte write select is active, BWx = valid signifies
that the desired byte write selects are asserted, see Write Cycle Description table for details.
5. Write is defined by BWX, and WE. See Write Cycle Descriptions table.
6. When a write cycle is detected, all DQs are tri-stated, even during byte writes.
7. The DQ and DQP pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
8. CEN = H, inserts wait states.
9. Device will power-up deselected and the DQs in a tristate condition, regardless of OE.
10. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle DQs and DQP[A:D] = tristate when OE is
inactive or when the device is deselected, and DQs and DQP[A:D] = data when OE is active.


Similar Part No. - CY7C1350G-200AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G-200AXI CYPRESS-CY7C1350G-200AXI Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G-200AXI CYPRESS-CY7C1350G-200AXI Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350G-200AXI CYPRESS-CY7C1350G-200AXI Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1350G-200AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G_13 Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_13 Datasheet
555Kb / 21P
   4-Mbit (256 K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G_12 Datasheet
550Kb / 20P
   4-Mbit (128 K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1347G CYPRESS-CY7C1347G_13 Datasheet
567Kb / 26P
   4-Mbit (128 K x 36) Pipelined Sync SRAM
CY7C1370D CYPRESS-CY7C1370D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1352F CYPRESS-CY7C1352F Datasheet
291Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com