Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1352G-133AXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1352G-133AXC
Description  4-Mbit (256 K x 18) Pipelined SRAM with NoBL??Architecture
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1352G-133AXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1352G-133AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1352G-133AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1352G-133AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1352G-133AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1352G-133AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1352G-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1352G-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1352G-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1352G-133AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
CY7C1352G
Document Number: 38-05514 Rev. *L
Page 5 of 21
Pin Definitions
Name
I/O
Description
A0, A1, A
Input-
synchronous
Address inputs used to select one of the 256 K address location. Sampled at the rising edge of the
CLK. A[1:0] are fed to the two-bit burst counter.
BW[A:B]
Input-
synchronous
Byte write inputs, active LOW. Qualified with WE to conduct writes to the SRAM. Sampled on the rising
edge of CLK.
WE
Input-
synchronous
Write enable input, active LOW. Sampled on the rising edge of CLK if CEN is active LOW. This signal
must be asserted LOW to initiate a write sequence.
ADV/LD
Input-
synchronous
Advance/load input. Used to advance the on-chip address counter or load a new address. When HIGH
(and CEN is asserted LOW) the internal burst counter is advanced. When LOW, a new address can be
loaded into the device for an access. After being deselected, ADV/LD should be driven LOW in order to
load a new address.
CLK
Input-clock
Clock input. Used to capture all synchronous inputs to the device. CLK is qualified with CEN. CLK is
only recognized if CEN is active LOW.
CE1
Input-
synchronous
Chip enable 1 input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE2
and CE3 to select/deselect the device.
CE2
Input-
synchronous
Chip enable 2 input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction with CE1
and CE3 to select/deselect the device.
CE3
Input-
synchronous
Chip enable 3 input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE1
and CE2 to select/deselect the device.
OE
Input-
asynchronous
Output enable, asynchronous input, active LOW. Combined with the synchronous logic block inside
the device to control the direction of the I/O pins. When LOW, the DQ pins are allowed to behave as
outputs. When deasserted HIGH, DQ pins are tri-stated, and act as input data pins. OE is masked during
the data portion of a write sequence, during the first clock when emerging from a deselected state, when
the device has been deselected.
CEN
Input-
synchronous
Clock enable input, active LOW. When asserted LOW the clock signal is recognized by the SRAM.
When deasserted HIGH the clock signal is masked. Since deasserting CEN does not deselect the device,
CEN can be used to extend the previous cycle when required.
ZZ[2]
Input-
asynchronous
ZZ “sleep” Input. This active HIGH input places the device in a non-time-critical “sleep” condition with
data integrity preserved. During normal operation, this pin has to be low or left floating. ZZ pin has an
internal pull-down.
DQs
I/O-
synchronous
Bidirectional data I/O lines. As inputs, they feed into an on-chip data register that is triggered by the
rising edge of CLK. As outputs, they deliver the data contained in the memory location specified by the
address during the clock rise of the read cycle. The direction of the pins is controlled by OE and the
internal control logic. When OE is asserted LOW, the pins can behave as outputs. When HIGH, DQs and
DQP[A:B] are placed in a tri-state condition. The outputs are automatically tri-stated during the data
portion of a write sequence, during the first clock when emerging from a deselected state, and when the
device is deselected, regardless of the state of OE.
DQP[A:B]
I/O-
synchronous
Bidirectional data parity I/O lines. Functionally, these signals are identical to DQs. During write
sequences, DQP[A:B] is controlled by BW[A:B] correspondingly.
MODE
Input strap pin Mode input. Selects the burst order of the device. When tied to GND selects linear burst sequence.
When tied to VDD or left floating selects interleaved burst sequence.
VDD
Power supply Power supply inputs to the core of the device.
VDDQ
I/O power
supply
Power supply for the I/O circuitry.
VSS
Ground
Ground for the device.
NC
No Connects. Not internally connected to the die.
Note
2. Errata: The ZZ pin (Pin 64) needs to be externally connected to ground. For more information, see "Errata" on page 18.


Similar Part No. - CY7C1352G-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352G-133AXC CYPRESS-CY7C1352G-133AXC Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1352G-133AXC CYPRESS-CY7C1352G-133AXC Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1352G-133AXC CYPRESS-CY7C1352G-133AXC Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1352G-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352G CYPRESS-CY7C1352G_12 Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_13 Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
   4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_12 Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_11 Datasheet
1Mb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
CY7C1353G CYPRESS-CY7C1353G_12 Datasheet
535Kb / 18P
   4-Mbit (256 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com