Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1328G-133AXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1328G-133AXI
Description  4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1328G-133AXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1328G-133AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
CY7C1328G
4-Mbit (256 K × 18)
Pipelined DCD Sync SRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05523 Rev. *L
Revised June 25, 2013
4-Mbit (256 K × 18) Pipelined DCD Sync SRAM
Features
Registered inputs and outputs for pipelined operation
Optimal for performance (double-cycle deselect)
Depth expansion without wait state
256 K × 18 common I/O architecture
3.3 V core power supply (VDD)
3.3 V/2.5 V I/O power supply (VDDQ)
Fast clock-to-output times
4.0 ns (for 133-MHz device)
Provide high-performance 3-1-1-1 access rate
User-selectable burst counter supporting IntelPentium
interleaved or linear burst sequences
Separate processor and controller address strobes
Synchronous self-timed writes
Asynchronous output enable
Available in Pb-free 100-pin TQFP package
“ZZ” sleep mode option
Functional Description
The CY7C1328G SRAM integrates 256 K × 18 SRAM cells with
advanced synchronous peripheral circuitry and a two-bit counter
for internal burst operation. All synchronous inputs are gated by
registers controlled by a positive-edge-triggered clock input
(CLK). The synchronous inputs include all addresses, all data
inputs, address-pipelining chip enable (CE1), depth-expansion
chip enables (CE2 and CE3), burst control inputs (ADSC, ADSP,
and ADV), write enables (BW[A:B], and BWE), and global write
(GW). Asynchronous inputs include the output enable (OE) and
the ZZ pin.
Addresses and chip enables are registered at rising edge of
clock when either address strobe processor (ADSP) or address
strobe controller (ADSC) are active. Subsequent burst
addresses can be internally generated as controlled by the
advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self-timed write cycle.This part supports byte write
operations (see "Pin Definitions" on page 5 and "Truth Table" on
page 8 for further details). Write cycles can be one to two bytes
wide as controlled by the byte write control inputs. GW active
LOW causes all bytes to be written. This device incorporates an
additional pipelined enable register which delays turning off the
output buffers an additional cycle when a deselect is executed.
This feature allows depth expansion without penalizing system
performance.
The CY7C1328G operates from a +3.3 V core power supply
while all outputs operate with a +3.3 V or a +2.5 V supply. All
inputs and outputs are JEDEC-standard JESD8-5-compatible.
Selection Guide
Description
133 MHz
Unit
Maximum access time
4.0
ns
Maximum operating current
225
mA
Maximum CMOS standby current
40
mA
Errata: For information on silicon errata, see "Errata" on page 20. Details include trigger conditions, devices affected, and proposed workaround.


Similar Part No. - CY7C1328G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
584Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1328G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1328G CYPRESS-CY7C1328G_12 Datasheet
584Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_12 Datasheet
762Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1223H CYPRESS-CY7C1223H Datasheet
708Kb / 16P
   2-Mbit (128K x 18) Pipelined DCD Sync SRAM
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1386S CYPRESS-CY7C1386S Datasheet
727Kb / 22P
   18-Mbit (512 K 횞 36) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_11 Datasheet
1Mb / 36P
   18-Mbit (512 K x 36/1 M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com