Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1327G Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1327G
Description  4-Mbit (256 K x 18) Pipelined Sync SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1327G Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1327G_13 Datasheet HTML 6Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 7Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 8Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 9Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 10Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 11Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 12Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 13Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
CY7C1327G
Document Number: 38-05519 Rev. *M
Page 10 of 23
IDD
VDD operating supply current
VDD = Max, IOUT = 0 mA,
f = fMAX = 1/tCYC
6 ns cycle,
166 MHz
–240
mA
7.5 ns cycle,
133 MHz
–225
mA
ISB1
Automatic CE power-down
current – TTL inputs
VDD = Max, device deselected,
VIN  VIH or VIN  VIL,
f = fMAX = 1/tCYC
6 ns cycle,
166 MHz
–100
mA
7.5 ns cycle,
133 MHz
–90
mA
ISB2
Automatic CE power-down
current – CMOS inputs
VDD = Max, device deselected,
VIN  0.3 V or VIN > VDDQ – 0.3 V,
f = 0
All speeds
40
mA
ISB3
Automatic CE power-down
current – CMOS inputs
VDD = Max, device deselected,
VIN  0.3 V or VIN > VDDQ – 0.3 V,
f = fMAX = 1/tCYC
6 ns cycle,
166 MHz
–85
mA
7.5 ns cycle,
133 MHz
–75
mA
ISB4
Automatic CE power-down
current – TTL inputs
VDD = Max, device deselected,
VIN  VIH or VIN  VIL, f = 0
All speeds
45
mA
Electrical Characteristics (continued)
Over the Operating Range
Parameter [9, 10]
Description
Test Conditions
Min
Max
Unit
Capacitance
Parameter [11]
Description
Test Conditions
100-pin TQFP
Max
Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz,
VDD = 3.3 V, VDDQ = 3.3 V
5pF
CCLK
Clock input capacitance
5pF
CI/O
Input/output capacitance
5pF
Thermal Resistance
Parameter [11]
Description
Test Conditions
100-pin TQFP
Package
Unit
JA
Thermal resistance
(junction to ambient)
Test conditions follow standard test methods and
procedures for measuring thermal impedance, per
EIA/JESD51.
30.32
°C/W
JC
Thermal resistance
(junction to case)
6.85
°C/W
Note
11. Tested initially and after any design or process change that may affect these parameters.


Similar Part No. - CY7C1327G_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G-133AXC CYPRESS-CY7C1327G-133AXC Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G-133AXC CYPRESS-CY7C1327G-133AXC Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G-133AXI CYPRESS-CY7C1327G-133AXI Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G-133AXI CYPRESS-CY7C1327G-133AXI Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G-133AXI CYPRESS-CY7C1327G-133AXI Datasheet
762Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined Sync SRAM
More results

Similar Description - CY7C1327G_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1328G CYPRESS-CY7C1328G_13 Datasheet
602Kb / 23P
   4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_12 Datasheet
762Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G_12 Datasheet
584Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_13 Datasheet
769Kb / 23P
   4-Mbit (256 K x 18) Flow-Through Sync SRAM
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_06 Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1352G CYPRESS-CY7C1352G_13 Datasheet
555Kb / 21P
   4-Mbit (256 K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C1364CV33 CYPRESS-CY7C1364CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G_13 Datasheet
567Kb / 26P
   4-Mbit (128 K x 36) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com