Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1325H-133AXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1325H-133AXI
Description  4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1325H-133AXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1325H-133AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CY7C1325H
4-Mbit (256 K × 18) Flow-Through
Sync SRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-86114 Rev. **
Revised February 20, 2013
4-Mbit (256 K × 18) Flow-Through Sync SRAM
Features
256 K × 18 common I/O
3.3 V core power supply (VDD)
2.5 V or 3.3 V I/O power supply (VDDQ)
Fast clock-to-output times
6.5 ns (133 MHz version)
Provide high performance 2-1-1-1 access rate
User selectable burst counter supporting Intel Pentium
interleaved or linear burst sequences
Separate processor and controller address strobes
Synchronous self timed write
Asynchronous output enable
Available in Pb-free 100-pin TQFP package
“ZZ” sleep mode option
Functional Description
The CY7C1325H is a 256 K × 18 synchronous cache RAM
designed to interface with high speed microprocessors with
minimum glue logic. Maximum access delay from clock rise is
6.5 ns (133 MHz version). A 2 bit on-chip counter captures the
first address in a burst and increments the address automatically
for the rest of the burst access. All synchronous inputs are gated
by registers controlled by a positive-edge-triggered Clock Input
(CLK). The synchronous inputs include all addresses, all data
inputs, address-pipelining chip enable (CE1), depth-expansion
chip enables (CE2 and CE3), burst control inputs (ADSC, ADSP,
and ADV), write enables (BW[A:B], and BWE), and global write
(GW). Asynchronous inputs include the output enable (OE) and
the ZZ pin.
The CY7C1325H allows either interleaved or linear burst
sequences, selected by the MODE input pin. A HIGH selects an
interleaved burst sequence, while a LOW selects a linear burst
sequence. Burst accesses can be initiated with the processor
address strobe (ADSP) or the cache controller address strobe
(ADSC) inputs.
Addresses and chip enables are registered at rising edge of
clock when either address strobe processor (ADSP) or address
strobe controller (ADSC) are active. Subsequent burst
addresses can be internally generated as controlled by the
advance pin (ADV).
The CY7C1325H operates from a +3.3 V core power supply
while all outputs may operate with either a +2.5 or +3.3 V supply.
All
inputs
and
outputs
are
JEDEC-standard
JESD8-5-compatible.
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSC
CE 1
OE
SENSE
AMPS
MEMORY
ARRAY
ADSP
OUTPUT
BUFFERS
INPUT
REGISTERS
MODE
CE 2
CE 3
GW
BWE
A 0,A1,A
BW B
BW A
DQ B,DQP B
WRITE REGISTER
DQ A,DQP A
WRITE REGISTER
ENABLE
REGISTER
A[1:0]
DQs
DQP A
DQP B
DQ B,DQP B
WRITE DRIVER
DQ A,DQP A
WRITE DRIVER
SLEEP
CONTROL
ZZ
Logic Block Diagram


Similar Part No. - CY7C1325H-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-100AC CYPRESS-CY7C1325-100AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-117AC CYPRESS-CY7C1325-117AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-50AC CYPRESS-CY7C1325-50AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-80AC CYPRESS-CY7C1325-80AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
More results

Similar Description - CY7C1325H-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325G CYPRESS-CY7C1325G_12 Datasheet
753Kb / 22P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_13 Datasheet
769Kb / 23P
   4-Mbit (256 K x 18) Flow-Through Sync SRAM
CY7C1365CV33 CYPRESS-CY7C1365CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Flow-Through Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_12 Datasheet
762Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined Sync SRAM
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1328G CYPRESS-CY7C1328G_12 Datasheet
584Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_12 Datasheet
593Kb / 21P
   4-Mbit (128 K 횞 32) Flow-Through Sync SRAM
CY7C1353G CYPRESS-CY7C1353G_12 Datasheet
535Kb / 18P
   4-Mbit (256 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1345G CYPRESS-CY7C1345G_12 Datasheet
760Kb / 23P
   4-Mbit (128 K 횞 36) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_11 Datasheet
805Kb / 21P
   4-Mbit (256 K x 18) Flow through Sync SRAM Synchronous self timed write
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com