Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C604XX Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C604XX
Description  enCoRe??V Low Voltage Microcontroller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C604XX Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C604XX_13 Datasheet HTML 1Page - Cypress Semiconductor CY7C604XX_13 Datasheet HTML 2Page - Cypress Semiconductor CY7C604XX_13 Datasheet HTML 3Page - Cypress Semiconductor CY7C604XX_13 Datasheet HTML 4Page - Cypress Semiconductor CY7C604XX_13 Datasheet HTML 5Page - Cypress Semiconductor CY7C604XX_13 Datasheet HTML 6Page - Cypress Semiconductor CY7C604XX_13 Datasheet HTML 7Page - Cypress Semiconductor CY7C604XX_13 Datasheet HTML 8Page - Cypress Semiconductor CY7C604XX_13 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
CY7C604XX
enCoRe™ V Low Voltage Microcontroller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-12395 Rev. *N
Revised April 24, 2013
Features
Powerful Harvard Architecture processor
M8C processor speeds running up to 24 MHz
Low power at high processing speeds
Interrupt controller
1.71 V to 3.6 V operating voltage
Commercial temperature range: 0 °C to +70 °C
Flexible on-chip memory
Up to 32 K flash program storage
• 50,000 erase and write cycles
• Flexible protection modes
Up to 2048 bytes SRAM data storage
In-system serial programming (ISSP)
Complete development tools
Free development tool (PSoC
® Designer™)
Full-featured, in-circuit emulator and programmer
Full-speed emulation
Complex breakpoint structure
128 K trace memory
Precision, programmable clocking
Crystal-less oscillator with support for an external crystal or
resonator
Internal ±5.0% 6, 12, or 24 MHz main oscillator
Internal low-speed oscillator at 32 kHz for watchdog and
sleep. The frequency range is 19 to 50 kHz with a 32 kHz
typical value
Programmable pin configurations
Up to 36 GPIO (depending on package)
25 mA sink current on all GPIO
Pull-up, High Z, open drain, CMOS drive modes on all GPIO
CMOS drive mode (5 mA source current) on Ports 0 and 1:
• 20 mA (at 3.0 V) total source current
Low dropout voltage regulator for Port 1 pins:
• Programmable to output 3.0, 2.5, or 1.8V
Selectable, regulated digital I/O on Port 1
Configurable input threshold for Port 1
Hot-swappable capability on Port 1
Additional system resources
Configurable communication speeds
I
2C Slave
• Selectable to 50 kHz, 100 kHz, or 400 kHz
• Implementation requires no clock stretching
• Implementation during sleep modes with less than 100 mA
• Hardware address detection
SPI master and SPI slave
• Configurable between 46.9 kHz and 12 MHz
Three 16-bit timers
10-bit ADC used to monitor battery voltage or other signals
with external components
Watchdog and sleep timers
Integrated supervisory circuit
System Bus
6 / 12 / 24 MHz Internal Main Oscillator
CPU Core (M8C)
SROM
8 K / 16 K / 32 K
Flash
System Resources
I2C Slave/SPI
Master-Slave
POR and LVD
System Resets
Port 1
Port 0
Sleep and
Watchdog
Port 3
Port 2
Prog. LDO
SRAM
2048 Bytes
Interrupt
Controller
enCoRe V
CORE
3 16-Bit
Timers
Port 4
ADC
enCoRe V LV Block Diagram


Similar Part No. - CY7C604XX_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C604XX CYPRESS-CY7C604XX_09 Datasheet
727Kb / 30P
   enCoRe V Low Voltage Microcontroller
More results

Similar Description - CY7C604XX_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C604XX CYPRESS-CY7C604XX_09 Datasheet
727Kb / 30P
   enCoRe V Low Voltage Microcontroller
CY7C60445_0810 CYPRESS-CY7C60445_0810 Datasheet
772Kb / 28P
   enCoRe??V Low Voltage Microcontroller
CY7C60445 CYPRESS-CY7C60445_08 Datasheet
666Kb / 27P
   enCoRe??V Low Voltage Microcontroller
CY7C60445 CYPRESS-CY7C60445 Datasheet
617Kb / 26P
   enCoRe??V Low Voltage Microcontroller
CY7C604XX CYPRESS-CY7C604XX Datasheet
727Kb / 30P
   enCoRe V Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX Datasheet
1Mb / 62P
   enCoRe??II Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX_09 Datasheet
1Mb / 68P
   enCoRe II Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX_08 Datasheet
1Mb / 67P
   enCoRe??II Low Voltage Microcontroller
CY7C601XX_09 CYPRESS-CY7C601XX_09_09 Datasheet
1Mb / 68P
   enCoRe II Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX_11 Datasheet
1Mb / 68P
   enCoRe??II Low-Voltage Microcontroller Master or slave operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com