Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C006A Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C006A
Description  16 K 횞 8 Dual-Port Static RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C006A Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C006A_13 Datasheet HTML 2Page - Cypress Semiconductor CY7C006A_13 Datasheet HTML 3Page - Cypress Semiconductor CY7C006A_13 Datasheet HTML 4Page - Cypress Semiconductor CY7C006A_13 Datasheet HTML 5Page - Cypress Semiconductor CY7C006A_13 Datasheet HTML 6Page - Cypress Semiconductor CY7C006A_13 Datasheet HTML 7Page - Cypress Semiconductor CY7C006A_13 Datasheet HTML 8Page - Cypress Semiconductor CY7C006A_13 Datasheet HTML 9Page - Cypress Semiconductor CY7C006A_13 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CY7C006A
Document Number: 38-06045 Rev. *G
Page 6 of 22
Maximum Ratings
Exceeding maximum ratings [2] may shorten the useful life of the
device. User guidelines are not tested.
Storage Temperature ............................... –65 °C to +150 °C
Ambient Temperature with
Power Applied ......................................... –55 °C to +125 °C
Supply Voltage to Ground Potential .............–0.3 V to +7.0 V
DC Voltage Applied to Outputs
in High Z State .............................................–0.5 V to +7.0 V
DC Input Voltage [3] .....................................–0.5 V to +7.0 V
Output Current into Outputs (LOW) ............................ 20 mA
Static Discharge Voltage .......................................... > 2001V
Latch-Up Current ................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0 °C to +70 °C
5 V
 10%
Electrical Characteristics
Over the Operating Range
Parameter
Description
CY7C006A
Unit
-20
Min
Typ
Max
VOH
Output HIGH Voltage (VCC = Min, IOH = –4.0 mA)
2.4
V
VOL
Output LOW Voltage (VCC = Min, IOH = +4.0 mA)
0.4
V
VIH
Input HIGH Voltage
2.2
V
VIL
Input LOW Voltage
0.8
V
IOZ
Output Leakage Current
–10
10
A
ICC
Operating Current (VCC = Max, IOUT = 0 mA),
Outputs Disabled
Commercial
180
275
mA
Industrial
mA
ISB1
Standby Current (Both Ports TTL Level),
CEL & CER  VIH, f = fMAX
Commercial
45
65
mA
Industrial
mA
ISB2
Standby Current (One Port TTL Level),
CEL | CER  VIH, f = fMAX
Commercial
110
160
mA
Industrial
mA
ISB3
Standby Current (Both Ports CMOS Level),
CEL & CER  VCC 0.2 V, f = 0
Commercial
0.05
0.5
mA
Industrial
mA
ISB4
Standby Current (One Port CMOS Level),
CEL | CER  VIH, f = fMAX[3, 4]
Commercial
100
140
mA
Industrial
mA
Notes
2. The Voltage on any input or I/O pin cannot exceed the power pin during power-up.
3. Pulse width < 20 ns.
4. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level standby
ISB3.


Similar Part No. - CY7C006A_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C006A-12AC CYPRESS-CY7C006A-12AC Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C006A-12JC CYPRESS-CY7C006A-12JC Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C006A-15AC CYPRESS-CY7C006A-15AC Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C006A-15JC CYPRESS-CY7C006A-15JC Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
More results

Similar Description - CY7C006A_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130_12 Datasheet
480Kb / 22P
   1 K 횞 8 Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY7C131E CYPRESS-CY7C131E Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY7C008V CYPRESS-CY7C008V_12 Datasheet
649Kb / 23P
   3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_11 Datasheet
434Kb / 19P
   3.3-V 8 K 횞 9 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com