Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT594S16 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74AHCT594S16
Description  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT594S16 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74AHCT594S16 Datasheet HTML 2Page - Diodes Incorporated 74AHCT594S16 Datasheet HTML 3Page - Diodes Incorporated 74AHCT594S16 Datasheet HTML 4Page - Diodes Incorporated 74AHCT594S16 Datasheet HTML 5Page - Diodes Incorporated 74AHCT594S16 Datasheet HTML 6Page - Diodes Incorporated 74AHCT594S16 Datasheet HTML 7Page - Diodes Incorporated 74AHCT594S16 Datasheet HTML 8Page - Diodes Incorporated 74AHCT594S16 Datasheet HTML 9Page - Diodes Incorporated 74AHCT594S16 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
74AHCT594
Document number: DS35485 Rev. 2 - 2
6 of 10
www.diodes.com
June 2013
© Diodes Incorporated
74AHCT594
Parameter Measurement Information
VCC
Inputs
VM
VI
tr/tf
4.5V
VCC
6ns
VCC/2
5.0V
VCC
6ns
VCC/2
Voltage Waveform
Pulse Duration and Recovery Time
Voltage Waveform
Set-up and Hold Times
Voltage Waveform
Propagation Delay Times
Inverting and Non Inverting Outputs
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.
Figure 2 Load Circuit and Voltage Waveforms


Similar Part No. - 74AHCT594S16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT594 PHILIPS-74AHCT594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
74AHCT594 NXP-74AHCT594 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
logo
Nexperia B.V. All right...
74AHCT594 NEXPERIA-74AHCT594 Datasheet
306Kb / 20P
   8-bit shift register with output register
Rev. 4 - 7 July 2021
74AHCT594-Q100 NEXPERIA-74AHCT594-Q100 Datasheet
764Kb / 24P
   8-bit shift register with output register
logo
NXP Semiconductors
74AHCT594BQ PHILIPS-74AHCT594BQ Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
More results

Similar Description - 74AHCT594S16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com