Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLA-6T406 Datasheet(PDF) 8 Page - TDK Electronics

Part # TLA-6T406
Description  Pulse transformers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TLA-6T406 Datasheet(HTML) 8 Page - TDK Electronics

Back Button TLA-6T406 Datasheet HTML 4Page - TDK Electronics TLA-6T406 Datasheet HTML 5Page - TDK Electronics TLA-6T406 Datasheet HTML 6Page - TDK Electronics TLA-6T406 Datasheet HTML 7Page - TDK Electronics TLA-6T406 Datasheet HTML 8Page - TDK Electronics TLA-6T406 Datasheet HTML 9Page - TDK Electronics TLA-6T406 Datasheet HTML 10Page - TDK Electronics TLA-6T406 Datasheet HTML 11Page - TDK Electronics TLA-6T406 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
(7/33)
006-02 / 20120414 / edlan_tla.fm
• All specifications are subject to change without notice.
PACKAGING STYLES
Quantity : 1000pieces/reel
TAPE DIMENSIONS
REEL DIMENSIONS
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
• Temperature is measured at the terminal portion of product
(Using thermocoupler for measurement).
• This profile is reference data we recommend. Please check in
your actual process.
• For reliable soldering, the thickness of solder paste screen
should be over the terminal co-planality.
• The cutted end of terminal has no plating(out of subject of solder
ability).
RECOMMENDED CONDITION FOR LONG TERM STORE
When it stores for a long term, please avoid place of high tempera-
ture and high humidity. Recommend that it uses after the delivery
within 1year.
Temperature range: +5 to +30°C
Humidity: 60(%)RH max.
4
10
5.9
2
12
ø1.5+0.1, -0
0.4
Dimensions in mm
30.4max.
2
±0.5
ø13
±0.2
ø21
±0.8
Dimensions in mm
260˚C max.
230˚C
165
±15˚C
2˚C/s
120s max.
1 to 2˚C/s
Time(s)
Natural
cooling
30s max.


Similar Part No. - TLA-6T406

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TLA-6T103LF-T TDK-TLA-6T103LF-T Datasheet
412Kb / 34P
   Pulse transformers
TLA-6T118LF-T TDK-TLA-6T118LF-T Datasheet
412Kb / 34P
   Pulse transformers
TLA-6T119LF-T TDK-TLA-6T119LF-T Datasheet
412Kb / 34P
   Pulse transformers
TLA-6T120LF-T TDK-TLA-6T120LF-T Datasheet
412Kb / 34P
   Pulse transformers
TLA-6T121LF-T TDK-TLA-6T121LF-T Datasheet
412Kb / 34P
   Pulse transformers
More results

Similar Description - TLA-6T406

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
   Pulse Transformers
logo
TDK Electronics
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
   Pulse transformers
logo
C&D Technologies
766 CANDD-766 Datasheet
302Kb / 2P
   Pulse Transformers
logo
List of Unclassifed Man...
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
   Pulse Transformers
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
   Pulse Transformers
logo
Bel Fuse Inc.
S553-3855-01 BEL-S553-3855-01 Datasheet
55Kb / 1P
   PULSE TRANSFORMERS
logo
List of Unclassifed Man...
612G ETC2-612G Datasheet
155Kb / 1P
   PULSE TRANSFORMERS
logo
C&D Technologies
1000 CANDD-1000 Datasheet
360Kb / 1P
   Pulse Transformers
786 CANDD-786 Datasheet
142Kb / 2P
   Pulse Transformers
logo
Murata Power Solutions ...
772 MURATA-PS-772 Datasheet
206Kb / 3P
   Pulse Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com