Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AHCT138 Datasheet(PDF) 7 Page - Diodes Incorporated

Part No. 74AHCT138
Description  3 TO 8 LINE DECODER DEMULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT138 Datasheet(HTML) 7 Page - Diodes Incorporated

  74AHCT138 Datasheet HTML 1Page - Diodes Incorporated 74AHCT138 Datasheet HTML 2Page - Diodes Incorporated 74AHCT138 Datasheet HTML 3Page - Diodes Incorporated 74AHCT138 Datasheet HTML 4Page - Diodes Incorporated 74AHCT138 Datasheet HTML 5Page - Diodes Incorporated 74AHCT138 Datasheet HTML 6Page - Diodes Incorporated 74AHCT138 Datasheet HTML 7Page - Diodes Incorporated 74AHCT138 Datasheet HTML 8Page - Diodes Incorporated 74AHCT138 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74AHCT138
Document number: DS35483 Rev. 2 - 2
7 of 9
www.diodes.com
June 2013
© Diodes Incorporated
74AHCT138
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Package Type: SO-16
Package Type: TSSOP-16
SO-16
Dim
Min
Max
A
1.40
1.75
A1
0.10
0.25
A2
1.30
1.50
B
0.33
0.51
C
0.19
0.25
D
9.80
10.00
E
3.80
4.00
e
1.27 Typ
H
5.80
6.20
L
0.38
1.27
Θ
0
8

All Dimensions in mm
TSSOP-16
Dim Min
Max
Typ
A
-
1.08
-
A1
0.05 0.15
-
A2
0.80 0.93
-
b
0.19 0.30
-
c
0.09 0.20
-
D
4.90 5.10
-
E
6.40 BSC
E1
4.30 4.50
-
e
0.65 BSC
L
0.45 0.75
-
L1
1.00 REF
L2
0.25 BSC
R
0.09
-
-
R1
0.09
-
-
X
-
-
1.350
Y
-
-
1.050
Θ
-
Θ1
15°
-
Θ2
-
-
All Dimensions in mm
D
E
H
L
A2
B
e
A1
A
C
Detail ‘A’
Detail ‘A’
Gauge Plane
PIN 1
e
b
E
E/2
E1
A2
A
D
A1
X
Y
SEE DETAIL 'A'
SEATING PLANE
GAUGE
PLANE
R
L
L1
L2
Ø0.760Depth0.050±0.02
R1
x)

C
DETAIL 'A'


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn