Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2874Q-1 Datasheet(PDF) 9 Page - Texas Instruments

Part # UC2874Q-1
Description  High Efficiency, Synchronous, Step-down (Buck) Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2874Q-1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UC2874Q-1 Datasheet HTML 4Page - Texas Instruments UC2874Q-1 Datasheet HTML 5Page - Texas Instruments UC2874Q-1 Datasheet HTML 6Page - Texas Instruments UC2874Q-1 Datasheet HTML 7Page - Texas Instruments UC2874Q-1 Datasheet HTML 8Page - Texas Instruments UC2874Q-1 Datasheet HTML 9Page - Texas Instruments UC2874Q-1 Datasheet HTML 10Page - Texas Instruments UC2874Q-1 Datasheet HTML 11Page - Texas Instruments UC2874Q-1 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
UC1874-1,-2
UC2874-1,-2
UC3874-1,-2
0.08
0.1
0.12
0.14
0.16
012345
VCM (V)
0
70
ROOM
PERFORMANCE INFORMATION (continued)
Figure 5. Short Circuit Limit Voltage Reflected to
Input of Current Amp vs. Current Amp Common
Mode Voltage
75
80
85
90
95
100
105
-75
-25
25
75
125
TEMPERATURE °C
Figure 6. High Drive Maximum Duty Cycle
(UC1874-1,-2)


Similar Part No. - UC2874Q-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2874Q-1 TI-UC2874Q-1 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
More results

Similar Description - UC2874Q-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874 TI-UC1874 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
UC1874-1 TI-UC1874-1 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
   High Efficiency, Synchronous Step-Down Controller
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
   High Efficiency Synchronous, Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com