Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1606E Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM1606E
Description  24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1606E Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1606E Datasheet HTML 12Page - Texas Instruments PCM1606E Datasheet HTML 13Page - Texas Instruments PCM1606E Datasheet HTML 14Page - Texas Instruments PCM1606E Datasheet HTML 15Page - Texas Instruments PCM1606E Datasheet HTML 16Page - Texas Instruments PCM1606E Datasheet HTML 17Page - Texas Instruments PCM1606E Datasheet HTML 18Page - Texas Instruments PCM1606E Datasheet HTML 19Page - Texas Instruments PCM1606E Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
PCM1606
SLES014B − OCTOBER 2001 − REVISED AUGUST 2002
16
www.ti.com
TYPICAL CHARACTERISTICS—ANALOG DYNAMIC PERFORMANCE
Figure 17
0.01
0.10
1.00
10.00
100.00
4.0
4.5
5.0
5.5
6.0
VCC − Supply Voltage − V
VCC = 5 V
fS = 44.1 kHz
TA = 25°C
TOTAL HARMONIC DISTORTION + NOISE
vs
SUPPLY VOLTAGE
44.1 kHz
384 fS
−60 dB
0 dB
96 kHz
256 fS
192 kHz
128 fS
44.1 kHz
384 fS
96 kHz
256 fS
10
1
0.1
0.01
0.001
192 kHz
128 fS
Figure 18
VCC − Supply Voltage − V
96
98
100
102
104
106
4.0
4.5
5.0
5.5
6.0
VCC = 5 V
fS = 44.1 kHz
TA = 25°C
DYNAMIC RANGE
vs
SUPPLY VOLTAGE
44.1 kHz
384 fS
192 kHz
128 fS
96 kHz
256 fS
Figure 19
VCC − Supply Voltage − V
96
98
100
102
104
106
4.0
4.5
5.0
5.5
6.0
VCC = 5 V
fS = 44.1 kHz
TA = 25°C
SNR
vs
SUPPLY VOLTAGE
44.1 kHz
384 fS
192 kHz
128 fS
96 kHz
256 fS
Figure 20
VCC − Supply Voltage − V
92
94
96
98
100
102
104
4.0
4.5
5.0
5.5
6.0
VCC = 5 V
fS = 44.1 kHz
TA = 25°C
CHANNEL SEPARATION
vs
SUPPLY VOLTAGE
44.1 kHz
384 fS
192 kHz
128 fS
96 kHz
256 fS
All specifications at TA = 25°C, VCC = 5 V, fS = 44.1 kHz, system clock = 384 fS and 24-bit data, unless otherwise noted.


Similar Part No. - PCM1606E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606E BURR-BROWN-PCM1606E Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1606E/2K BURR-BROWN-PCM1606E/2K Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1606E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com