Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1606E Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM1606E
Description  24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1606E Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1606E Datasheet HTML 5Page - Texas Instruments PCM1606E Datasheet HTML 6Page - Texas Instruments PCM1606E Datasheet HTML 7Page - Texas Instruments PCM1606E Datasheet HTML 8Page - Texas Instruments PCM1606E Datasheet HTML 9Page - Texas Instruments PCM1606E Datasheet HTML 10Page - Texas Instruments PCM1606E Datasheet HTML 11Page - Texas Instruments PCM1606E Datasheet HTML 12Page - Texas Instruments PCM1606E Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PCM1606
SLES014B − OCTOBER 2001 − REVISED AUGUST 2002
9
www.ti.com
timing requirements (continued)
t(BCKH)
Bit Clock Pulse
Cycle Time†
BCK
t(BCKL)
2.0 V
0.8 V
PARAMETERS
MIN
MAX
UNIT
t(BCKH)
Bit clock pulse duration HIGH
10
ns
t(BCKL)
Bit clock pulse duration LOW
10
ns
† 1/128 fS, 1/256 fS, and 1/512 fS.
Figure 4. Bit Clock Timing for TDM Format
DATA1
t(BCH)
1.4 V
1.4 V
1.4 V
BCK
LRCK
t(BCL)
t(LB)
t(BCY)
tsu(D)
th(D)
t(BL)
PARAMETER
MIN
MAX
UNIT
t(BCY)
BCK pulse cycle time
20
ns
t(BCH)
BCK high-level time
10
ns
t(BCL)
BCK low-level time
10
ns
t(BL)
BCK rising edge to LRCK edge
7
ns
t(LB)
LRCK falling edge to BCK rising edge
7
ns
tsu(D)
DATA setup time
7
ns
th(D)
DATA hold time
7
ns
Figure 5. Audio Interface Timing for TDM Format


Similar Part No. - PCM1606E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606E BURR-BROWN-PCM1606E Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1606E/2K BURR-BROWN-PCM1606E/2K Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1606E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com