Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP75AID Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75AID
Description  Digital Temperature Sensor with Two-Wire Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP75AID Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP75AID Datasheet HTML 6Page - Texas Instruments TMP75AID Datasheet HTML 7Page - Texas Instruments TMP75AID Datasheet HTML 8Page - Texas Instruments TMP75AID Datasheet HTML 9Page - Texas Instruments TMP75AID Datasheet HTML 10Page - Texas Instruments TMP75AID Datasheet HTML 11Page - Texas Instruments TMP75AID Datasheet HTML 12Page - Texas Instruments TMP75AID Datasheet HTML 13Page - Texas Instruments TMP75AID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TMP175
TMP75
SBOS288J − JANUARY 2004 − REVISED DECEMBER 2007
www.ti.com
10
TIMING DIAGRAMS
The TMP175 and TMP75 are Two-Wire and SMBus
compatible. Figure 4 to Figure 8 describe the various
operations on the TMP175 and TMP75. Bus definitions are
given below. Parameters for Figure 4 are defined in
Table 13.
Bus Idle: Both SDA and SCL lines remain HIGH.
Start Data Transfer: A change in the state of the SDA line,
from HIGH to LOW, while the SCL line is HIGH, defines a
START condition. Each data transfer is initiated with a
START condition.
Stop Data Transfer: A change in the state of the SDA line
from LOW to HIGH while the SCL line is HIGH defines a
STOP condition. Each data transfer is terminated with a
repeated START or STOP condition.
Data Transfer: The number of data bytes transferred
between a START and a STOP condition is not limited and
is determined by the master device. The receiver
acknowledges the transfer of data.
Acknowledge: Each receiving device, when addressed,
is obliged to generate an Acknowledge bit. A device that
acknowledges must pull down the SDA line during the
Acknowledge clock pulse in such a way that the SDA line
is stable LOW during the HIGH period of the Acknowledge
clock pulse. Setup and hold times must be taken into
account. On a master receive, the termination of the data
transfer can be signaled by the master generating a
Not-Acknowledge on the last byte that has been
transmitted by the slave.
PARAMETER
FAST MODE
HIGH-SPEED MODE
UNITS
PARAMETER
MIN
MAX
MIN
MAX
UNITS
SCL Operating Frequency
f(SCL)
0.001
0.4
0.001
3.4
MHz
Bus Free Time Between STOP and START Condition
t(BUF)
600
160
ns
Hold time after repeated START condition.
After this period, the first clock is generated.
t(HDSTA)
100
100
ns
Repeated START Condition Setup Time
t(SUSTA)
100
100
ns
STOP Condition Setup Time
t(SUSTO)
100
100
ns
Data Hold Time
t(HDDAT)
0
0
ns
Data Setup Time
t(SUDAT)
100
10
ns
SCL Clock LOW Period
t(LOW)
1300
160
ns
SCL Clock HIGH Period
t(HIGH)
600
60
ns
Clock/Data Fall Time
tF
300
160
ns
Clock/Data Rise Time
tR
300
160
ns
for SCLK
≤ 100kHz
tR
1000
ns
Table 13. Timing Diagram Definitions for the TMP175 and TMP75
TWO-WIRE TIMING DIAGRAMS
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BU F )
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
PS
SP
Figure 4. Two-Wire Timing Diagram


Similar Part No. - TMP75AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75AID TI-TMP75AID Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Guangdong Youtai Semico...
TMP75AIDGKR UMW-TMP75AIDGKR Datasheet
724Kb / 15P
   1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDR TI-TMP75AIDR Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Guangdong Youtai Semico...
TMP75AIDR UMW-TMP75AIDR Datasheet
724Kb / 15P
   1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function
More results

Similar Description - TMP75AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84_15 Datasheet
169Kb / 18P
[Old version datasheet]   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com