Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA7805QKTE Datasheet(PDF) 5 Page - Texas Instruments

Part # UA7805QKTE
Description  FIXED POSITIVE VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA7805QKTE Datasheet(HTML) 5 Page - Texas Instruments

  UA7805QKTE Datasheet HTML 1Page - Texas Instruments UA7805QKTE Datasheet HTML 2Page - Texas Instruments UA7805QKTE Datasheet HTML 3Page - Texas Instruments UA7805QKTE Datasheet HTML 4Page - Texas Instruments UA7805QKTE Datasheet HTML 5Page - Texas Instruments UA7805QKTE Datasheet HTML 6Page - Texas Instruments UA7805QKTE Datasheet HTML 7Page - Texas Instruments UA7805QKTE Datasheet HTML 8Page - Texas Instruments UA7805QKTE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
μA7800 SERIES
www.ti.com
SLVS056O – MAY 1976 – REVISED AUGUST 2012
uA7805 Electrical Characteristics
at specified virtual junction temperature, VI = 10 V, IO = 500 mA (unless otherwise noted)
μA7805C
PARAMETER
TEST CONDITIONS
TJ
(1)
UNIT
MIN
TYP
MAX
25°C
4.8
5
5.2
IO = 5 mA to 1 A, VI = 7 V to 20 V,
Output voltage
V
PD ≤ 15 W
0°C to 125°C
4.75
5.25
VI = 7 V to 25 V
3
100
Input voltage regulation
25°C
mV
VI = 8 V to 12 V
1
50
VI = 8 V to 12 V, f = 120 Hz
62
78
Ripple rejection(2)
0°C to 125°C
dB
VI = 8 V to 12 V, f = 120 Hz (KCT)
68
IO = 5 mA to 1.5 A
15
100
Output voltage regulation
25°C
mV
IO = 250 mA to 750 mA
5
50
Output resistance
f = 1 kHz
0°C to 125°C
0.017
Temperature coefficient of output voltage
IO = 5 mA
0°C to 125°C
–1.1
mV/°C
Output noise voltage
f = 10 Hz to 100 kHz
25°C
40
μV
Dropout voltage
IO = 1 A
25°C
2
V
Bias current
25°C
4.2
8
mA
VI = 7 V to 25 V
1.3
Bias current change
0°C to 125°C
mA
IO = 5 mA to 1 A
0.5
Short-circuit output current
25°C
750
mA
Peak output current
25°C
2.2
A
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.33-
μF capacitor across the input and a 0.1-μF capacitor across
the output.
(2)
This parameter is validated by design and verified during product characterization. It is not tested in production.
uA7808 Electrical Characteristics
at specified virtual junction temperature, VI = 14 V, IO = 500 mA (unless otherwise noted)
μA7808C
PARAMETER
TEST CONDITIONS
TJ
(1)
UNIT
MIN
TYP
MAX
25°C
7.7
8
8.3
IO = 5 mA to 1 A, VI = 10.5 V to 23 V,
Output voltage
V
PD ≤ 15 W
0°C to 125°C
7.6
8.4
VI = 10.5 V to 25 V
6
160
Input voltage regulation
25°C
mV
VI = 11 V to 17 V
2
80
VI = 11.5 V to 21.5 V, f = 120 Hz
55
72
Ripple rejection(2)
0°C to 125°C
dB
VI = 11.5 V to 21.5 V, f = 120 Hz
62
(KCT)
IO = 5 mA to 1.5 A
12
160
Output voltage regulation
25°C
mV
IO = 250 mA to 750 mA
4
80
Output resistance
f = 1 kHz
0°C to 125°C
0.016
Temperature coefficient of output voltage
IO = 5 mA
0°C to 125°C
–0.8
mV/°C
Output noise voltage
f = 10 Hz to 100 kHz
25°C
52
μV
Dropout voltage
IO = 1 A
25°C
2
V
Bias current
25°C
4.3
8
mA
VI = 10.5 V to 25 V
1
Bias current change
0°C to 125°C
mA
IO = 5 mA to 1 A
0.5
Short-circuit output current
25°C
450
mA
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.33-
μF capacitor across the input and a 0.1-μF capacitor across
the output.
(2)
This parameter is validated by design and verified during product characterization. It is not tested in production.
Copyright © 1976–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - UA7805QKTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA7805QKTE TI1-UA7805QKTE Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
More results

Similar Description - UA7805QKTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCT TI1-UA7805CKCT Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7805 TI1-UA7805 Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7800 TI1-UA7800_12 Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
   Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com