Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL851CDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL851CDR
Description  SONAR RANGING CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL851CDR Datasheet(HTML) 2 Page - Texas Instruments

  TL851CDR Datasheet HTML 1Page - Texas Instruments TL851CDR Datasheet HTML 2Page - Texas Instruments TL851CDR Datasheet HTML 3Page - Texas Instruments TL851CDR Datasheet HTML 4Page - Texas Instruments TL851CDR Datasheet HTML 5Page - Texas Instruments TL851CDR Datasheet HTML 6Page - Texas Instruments TL851CDR Datasheet HTML 7Page - Texas Instruments TL851CDR Datasheet HTML 8Page - Texas Instruments TL851CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TL851
SONAR RANGING CONTROL
SLSS004 – SEPTEMBER 1983 – REVISED MARCH 1988
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
GAIN CONTROL OUTPUT TABLE
STEP
NUMBER
GCD
GCC
GCB
GCA
TIME (ms)
FROM INITIATE
↑†
0
1
2
3
4
5
6
7
8
9
10
11
L
L
L
L
L
L
L
L
H
H
H
H
L
L
L
L
H
H
H
H
L
L
L
L
L
L
L
H
L
L
H
H
L
L
H
H
L
H
L
H
L
H
L
H
L
H
L
H
2.38 ms
5.12 ms
7.87 ms
10.61 ms
13.35 ms
16.09 ms
18.84 ms
21.58 ms
27.07 ms
32.55 ms
38.04 ms
INIT
† This is the time to the end of the indicated step and assumes a nominal
420-kHz ceramic resonator.
functional block diagram
Transmit Enable
CT
≤16
CT > 16
CLR
+
Gain Step
Counter
+ 8.5
+ 4.5
CLR
Frequency
Divider
G
420-kHz
Oscillator
S
R
S
R
Blanking
Latch
1.2 V
Echo
Latch
ECHO
1
GCA
GCB
GCC
GCD
5
6
7
4
10
2
OSC
XMIT
VCC
FILT
13
XTAL1
XTAL2
INIT
BINH
BLNK
REC
GND
11
12
14
15
16
8
3
9
Internal
Blanking
Filtered Supply
CT
≥ 208


Similar Part No. - TL851CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
More results

Similar Description - TL851CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
TL851 TI-TL851 Datasheet
82Kb / 6P
[Old version datasheet]   SONAR RANGING CONTROL
logo
List of Unclassifed Man...
SRM400 ETC2-SRM400 Datasheet
108Kb / 2P
   Sonar Ranging Module
logo
Texas Instruments
TL852 TI1-TL852_12 Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
logo
List of Unclassifed Man...
PW0268 ETC2-PW0268 Datasheet
534Kb / 14P
   Ultrasonic Sonar Ranging IC
logo
Murata Manufacturing Co...
MA58MF14-7N MURATA-MA58MF14-7N Datasheet
186Kb / 3P
   Back sonar for automotive
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
   Radar and sonar processing
ADLQM87HD ADL-ADLQM87HD_18 Datasheet
573Kb / 4P
   Radar and sonar processing
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
   Multi-ranging operation
logo
ams AG
AS8413 AMSCO-AS8413 Datasheet
125Kb / 15P
   HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com