Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAP3530DCUS Datasheet(PDF) 6 Page - Texas Instruments

Part # OMAP3530DCUS
Description  OMAP3530/25 Applications Processor: OMAP 3 Architecture
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530DCUS Datasheet(HTML) 6 Page - Texas Instruments

Back Button OMAP3530DCUS Datasheet HTML 2Page - Texas Instruments OMAP3530DCUS Datasheet HTML 3Page - Texas Instruments OMAP3530DCUS Datasheet HTML 4Page - Texas Instruments OMAP3530DCUS Datasheet HTML 5Page - Texas Instruments OMAP3530DCUS Datasheet HTML 6Page - Texas Instruments OMAP3530DCUS Datasheet HTML 7Page - Texas Instruments OMAP3530DCUS Datasheet HTML 8Page - Texas Instruments OMAP3530DCUS Datasheet HTML 9Page - Texas Instruments OMAP3530DCUS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 264 page
background image
OMAP3530/25 Applications Processor
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
www.ti.com
Table 1-1. Differences Between CBB, CBC, and CUS Packages (continued)
FEATURE
CBB PACKAGE
CBC PACKAGE
CUS PACKAGE
A maximum of 170 GPIO pins
are supported.
The following GPIO pins are not
available: gpio_112, gpio_113,
gpio_114, gpio_115, gpio_52,
gpio_53, gpio_63, gpio_64,
gpio_144, gpio_145, gpio_146,
A maximum of 188 GPIO pins
A maximum of 188 GPIO pins
GPIO
gpio_147, gpio_152, gpio_153,
are supported.
are supported.
gpio_154, gpio_155, gpio_175,
and gpio_176.
Pin muxing restricts the total
number of GPIO pins available at
one time. For more details, see ,
Multiplexing Characteristics (CUS
Pkg.).
This OMAP3530/25 Applications Processor data manual presents the electrical and mechanical
specifications for the OMAP3530/25 Applications Processor. The information contained in this data
manual applies to both the commercial and extended temperature versions of the OMAP3530/25
Applications Processor unless otherwise indicated. It consists of the following sections:
• A description of the OMAP3530/25 terminals: assignment, electrical characteristics, multiplexing, and
functional description (Section 2)
• A presentation of the electrical characteristics requirements: power domains, operating conditions,
power consumption, and dc characteristics (Section 3)
• The clock specifications: input and output clocks, DPLL and DLL (Section 4)
• The video DAC specification (Section 5)
• The timing requirements and switching characteristics (ac timings) of the interfaces (Section 6)
• A description of thermal characteristics, device nomenclature, and mechanical data about the available
packaging (Section 7)
6
OMAP3530/25 Applications Processor
Submit Documentation Feedback


Similar Part No. - OMAP3530DCUS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3530DCUS TI1-OMAP3530DCUS Datasheet
2Mb / 265P
[Old version datasheet]   OMAP3530 and OMAP3525 Applications Processors
OMAP3530DCUS72 TI1-OMAP3530DCUS72 Datasheet
2Mb / 265P
[Old version datasheet]   OMAP3530 and OMAP3525 Applications Processors
OMAP3530DCUSA TI1-OMAP3530DCUSA Datasheet
2Mb / 265P
[Old version datasheet]   OMAP3530 and OMAP3525 Applications Processors
More results

Similar Description - OMAP3530DCUS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP-L138_0908 TI-OMAP-L138_0908 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAPL137CZKBT3 TI1-OMAPL137CZKBT3 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138 Datasheet
2Mb / 255P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137_15 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAPL137DZKB3 TI-OMAPL137DZKB3 Datasheet
1Mb / 223P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP3525-HIREL TI1-OMAP3525-HIREL_16 Datasheet
2Mb / 262P
[Old version datasheet]   OMAP3525-HiRel and OMAP3530-HiRel Applications Processor
OMAP3530 TI1-OMAP3530_15 Datasheet
2Mb / 265P
[Old version datasheet]   OMAP3530 and OMAP3525 Applications Processors
OMAP-L138 TI1-OMAP-L138_16 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000 DSP ARM Processor
OMAP-L138 TI-OMAP-L138_15 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000??DSP ARM짰 Processor
OMAP-L132 TI1-OMAP-L132 Datasheet
1Mb / 227P
[Old version datasheet]   OMAP-L132 C6-Integra DSPARM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com