Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2684IDRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA2684IDRG4
Description  Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2684IDRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2684IDRG4 Datasheet HTML 2Page - Texas Instruments OPA2684IDRG4 Datasheet HTML 3Page - Texas Instruments OPA2684IDRG4 Datasheet HTML 4Page - Texas Instruments OPA2684IDRG4 Datasheet HTML 5Page - Texas Instruments OPA2684IDRG4 Datasheet HTML 6Page - Texas Instruments OPA2684IDRG4 Datasheet HTML 7Page - Texas Instruments OPA2684IDRG4 Datasheet HTML 8Page - Texas Instruments OPA2684IDRG4 Datasheet HTML 9Page - Texas Instruments OPA2684IDRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
OPA2684
6
SBOS239D
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
At TA = +25°C, G = +2, RF = 800Ω, and RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
100
1k
Load Resistance (
Ω)
–50
–55
–60
–65
–70
–75
–80
–85
–90
V
O = 2Vp-p
f = 5MHz
G = +2
See Figure 1
2nd-Harmonic
3rd-Harmonic
–50
–60
–70
–80
–90
Frequency (MHz)
0.1
20
110
HARMONIC DISTORTION vs FREQUENCY
V
O = 2Vp-p
R
L = 100Ω
See Figure 1
2nd-Harmonic
3rd-Harmonic
HARMONIC DISTORTION vs OUTPUT VOLTAGE
0.5
1
5
Output Voltage (Vp-p)
–50
–60
–70
–80
–90
f = 5MHz
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
5MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
±2.5
±3
±3.5
±4
±4.5
±5
±5.5
±6
Supply Voltage (
±V)
–50
–60
–70
–80
–90
V
O = 2Vp-p
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
HARMONIC DISTORTION vs NONINVERTING GAIN
Noninverting Gain (V/V)
110
20
–50
–55
–60
–65
–70
–75
–80
–85
–90
2nd-Harmonic
3rd-Harmonic
See Figure 1
HARMONIC DISTORTION vs INVERTING GAIN
110
20
Inverting Gain
(V/V)
–50
–55
–60
–65
–70
–75
–80
–85
–90
2nd-Harmonic
3rd-Harmonic
See Figure 2


Similar Part No. - OPA2684IDRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2684 BURR-BROWN-OPA2684 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2684 BURR-BROWN-OPA2684 Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
OPA2684 BURR-BROWN-OPA2684 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2684 TI-OPA2684 Datasheet
966Kb / 33P
[Old version datasheet]   MINIMAL BANDWIDTH CHANGE VERSUS GAIN, 170MHz BANDWIDTH AT G = 2
More results

Similar Description - OPA2684IDRG4

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40121 ZARLINK-ZL40121 Datasheet
288Kb / 16P
   Low Power,Current Feedback Dual Operational Amplifier
logo
Texas Instruments
OPA2683 TI-OPA2683 Datasheet
907Kb / 33P
[Old version datasheet]   Very Low-Power, Dual, Current-Feedback Operational Amplifier
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com