Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5947DAPRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5947DAPRG4
Description  24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5947DAPRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5947DAPRG4 Datasheet HTML 6Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 7Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 8Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 9Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 10Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 11Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 12Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 13Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
t /t
R0 F0
GS23
7A
GS0
2B
t
D1
1
2
3
4
5
6
7
285
286
287
288
t
F1
t
D4
t
D3
t
D2
T
WH1
SIN
OUT0/4/8/
12/16/20
(1)
OUT1/5/9/
13/17/21
(1)
OUT2/6/10/
14/18/22
(1)
OUT3/7/11/
15/19/23
(1)
ON
OFF
XLAT
Grayscale
LatchData
(Internal)
BLANK
SOUT
ON
OFF
ON
OFF
ON
OFF
T
WH0
T
WH1
T
SU0
f
SCLK
t
D0
t
R1
GS23
11B
GS23
10B
GS0
0A
GS23
9B
GS23
8B
GS23
7B
GS0
0B
GS0
1B
GS0
3B
GS23
11A
GS23
9A
GS23
8A
GS0
3A
GS0
2A
GS0
1A
GS0
0A
GS23
11B
GS23
10A
T
H0
PreviousGrayscaleData
LatestGrayscaleData
SCLK
1
2
3
4
5
T
H1
T
SU2
Oscillator
Clock
(Internal)
T
WL0
0 0 0 0 1 2 3 4 5 0 0 0 0 0 1 2
fOSC
GS23
11C
GS23
10C
GS23
9C
GS23
8C
GS23
7C
GS23
6C
GS23
5C
GS23
10B
GS23
9B
GS23
8B
GS23
7B
GS23
6B
GS23
5B
Counter
Value
T
SU1
4093
4094
4095
1 2 3 4
4096
¼
¼
¼
¼
TLC5947
SBVS114A – JULY 2008 – REVISED SEPTEMBER 2008 ................................................................................................................................................. www.ti.com
(1) GS data = FFFh.
Figure 9. Grayscale Data Write and OUTn Operation Timing
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5947


Similar Part No. - TLC5947DAPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947DAPRG4 TI1-TLC5947DAPRG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAPRG4 TI1-TLC5947DAPRG4 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
More results

Similar Description - TLC5947DAPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947DAPG4 TI-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
HPA01054DAPR TI1-HPA01054DAPR Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI1-TLC5947_17 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947 TI-TLC5947_1 Datasheet
1Mb / 27P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com