Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5401DGQ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5401DGQ
Description  0.5-A, 42-V Input, Step-Down SWIFT Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5401DGQ Datasheet(HTML) 2 Page - Texas Instruments

  TPS5401DGQ Datasheet HTML 1Page - Texas Instruments TPS5401DGQ Datasheet HTML 2Page - Texas Instruments TPS5401DGQ Datasheet HTML 3Page - Texas Instruments TPS5401DGQ Datasheet HTML 4Page - Texas Instruments TPS5401DGQ Datasheet HTML 5Page - Texas Instruments TPS5401DGQ Datasheet HTML 6Page - Texas Instruments TPS5401DGQ Datasheet HTML 7Page - Texas Instruments TPS5401DGQ Datasheet HTML 8Page - Texas Instruments TPS5401DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
TPS5401
SLVSAB0 – DECEMBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. ORDERING INFORMATION(1)
TJ
PACKAGE
PART NUMBER(2)
–40°C to 150°C
10-pin MSOP
TPS5401DGQ
(1)
For the most-current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The DGQ package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS5401DGQR).
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating temperature range (unless otherwise noted).
VALUE
UNIT
MIN
MAX
VIN
–0.3
47
EN
–0.3
5
BOOT
55
VSENSE
–0.3
3
Input voltage
V
COMP
–0.3
3
PWRGD
–0.3
6
SS/TR
–0.3
3
RT/CLK
–0.3
3.6
BOOT – PH
8
Output voltage
PH
–0.6
47
V
PH, 10-ns transient
–2
47
Voltage difference
Thermal pad to GND
±200
mV
EN
100
mA
BOOT
100
mA
Source current
VSENSE
10
mA
PH
Current limit
A
RT/CLK
100
mA
VIN
Current limit
A
COMP
100
mA
Sink current
PWRGD
10
mA
SS/TR
200
mA
Electrostatic discharge (HBM) QSS 009-105 (JESD22-A114A)
1
kV
Electrostatic discharge (CDM) QSS 009-147 (JESD22-C101B.01)
500
V
Operating junction temperature
–40
150
°C
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS5401
THERMAL METRIC(1)
UNIT
MSOP (10 PINS)
qJA
Junction-to-ambient thermal resistance
68
°C/W
qJC(top)
Junction-to-case(top) thermal resistance
63.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS5401


Similar Part No. - TPS5401DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5401 TI-TPS5401 Datasheet
833Kb / 37P
[Old version datasheet]   0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS54010 TI-TPS54010 Datasheet
707Kb / 25P
[Old version datasheet]   2.2 - 4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54010 TI-TPS54010 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54010 TI1-TPS54010 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54010 TI1-TPS54010 Datasheet
1Mb / 30P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS5401DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5401 TI-TPS5401 Datasheet
833Kb / 37P
[Old version datasheet]   0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS5401EVM-708 TI-TPS5401EVM-708 Datasheet
1Mb / 41P
[Old version datasheet]   0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS5401 TI-TPS5401_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS5401 0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com