Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1117-ADJ-220 Datasheet(PDF) 11 Page - First Components International

Part # LM1117-ADJ-220
Description  800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM1117-ADJ-220 Datasheet(HTML) 11 Page - First Components International

Back Button LM1117-ADJ-220 Datasheet HTML 6Page - First Components International LM1117-ADJ-220 Datasheet HTML 7Page - First Components International LM1117-ADJ-220 Datasheet HTML 8Page - First Components International LM1117-ADJ-220 Datasheet HTML 9Page - First Components International LM1117-ADJ-220 Datasheet HTML 10Page - First Components International LM1117-ADJ-220 Datasheet HTML 11Page - First Components International LM1117-ADJ-220 Datasheet HTML 12Page - First Components International LM1117-ADJ-220 Datasheet HTML 13Page - First Components International LM1117-ADJ-220 Datasheet HTML 14Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
APPLICATION NOTE (Continued)
FIGURE 9. Maximum Allowable Power Dissipation vs.
Ambient Temperature for SOT-223
FIGURE 10. Maximum Allowable Power Dissipation vs.
Ambient Temperature for TO-252
FIGURE 11. Maximum Allowable Power Dissipation vs.
1oz Copper Area for SOT-223
FIGURE 12. Maximum Allowable Power Dissipation vs.
2oz Copper Area for TO-252
11
LM1117 800mA Low-dropout Linear Regulator


Similar Part No. - LM1117-ADJ-220

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1117-ADJ CYSTEKEC-LM1117-ADJ Datasheet
185Kb / 4P
   1A Low Dropout Positive Voltage Regulator
LM1117-ADJ CYSTEKEC-LM1117-ADJ Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
LM1117-ADJ CYSTEKEC-LM1117-ADJ Datasheet
464Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-ADJE3 CYSTEKEC-LM1117-ADJE3 Datasheet
612Kb / 7P
   1A Low Dropout Positive Voltage Regulator
LM1117-ADJJ3 CYSTEKEC-LM1117-ADJJ3 Datasheet
383Kb / 7P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - LM1117-ADJ-220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com