Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2575-5.0TC5T Datasheet(PDF) 1 Page - First Components International

Part # LM2575-5.0TC5T
Description  1.0A Step - Down Voltage Switching Regulators 1A output current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2575-5.0TC5T Datasheet(HTML) 1 Page - First Components International

  LM2575-5.0TC5T Datasheet HTML 1Page - First Components International LM2575-5.0TC5T Datasheet HTML 2Page - First Components International LM2575-5.0TC5T Datasheet HTML 3Page - First Components International LM2575-5.0TC5T Datasheet HTML 4Page - First Components International LM2575-5.0TC5T Datasheet HTML 5Page - First Components International LM2575-5.0TC5T Datasheet HTML 6Page - First Components International LM2575-5.0TC5T Datasheet HTML 7Page - First Components International LM2575-5.0TC5T Datasheet HTML 8Page - First Components International LM2575-5.0TC5T Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Description
5V, 12V, 15V and a versatile Adjustable output
a minimum number of external components.
frequency
oscillator.
replacement for popular three-terminal linear regulators,
and is requiring a smaller heat sink or even no heat sink.
performs well with standard
inductors from
several manufacturers, and simplifying the design of
switch-mode power supplies.
tolerance on output voltage within specified input voltages
protection under fault conditions.
TYPICAL APPLICATION
Features
3.3V, 5V, 12V, 15V and
Adjustable version output voltage range
1A output current
Requires Only 4 External Components
High Efficiency
TTL shutdown capability and low power
standby mode
Thermal shutdown, current limit protection
Uses standard inductors
52 kHz fixed frequency internal oscillator
7V - 40V
Unregulated
DC Input
+
C
IN
100 µF
+V
IN
1
5
3
4
2
GND
D1
1N5819
Output
330 µH
L1
Feedback
C
OUT
330 µF
5.0V, 1A
Regulated
Output
+
ON / OFF
Application
Pre-regulator for linear regulators
High-efficiency step-down buck regulator
On-card/ board switching regulators
Positive to negative converter (buck-boost
)
of regulators provides all the active functions
for a step- down (buck) switching regulator, and drives
1A load with excellent line and load regulation.
is available in fixed output volt ages of 3.3V,
version. These regulators are simple to use and require
Features include internal frequency compensation and
a fixed-
and output load conditions, and ±10% on the oscillator
frequency.
External
shutdown
is
included
with
50
uA(typical)
standby current. The output switch has cycle-by-cycle
current limiting as well as thermal shutdown for full
1.23V to 37V ±4% max over line and load
conditions
Adjustable output
versions
LM2575
LM2575
LM2575
LM2575 guarantee +/-4%
LM2575 high-efficiency
LM2575 -5.0
LM2575 1.0A Step - Down Voltage Switching Regulators


Similar Part No. - LM2575-5.0TC5T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2575-5.0BN MICREL-LM2575-5.0BN Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BN MICREL-LM2575-5.0BN Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BN MICREL-LM2575-5.0BN Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BT MICREL-LM2575-5.0BT Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BT MICREL-LM2575-5.0BT Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results

Similar Description - LM2575-5.0TC5T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com