Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2575-5.0TC5T Datasheet(PDF) 7 Page - First Components International

Part # LM2575-5.0TC5T
Description  1.0A Step - Down Voltage Switching Regulators 1A output current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2575-5.0TC5T Datasheet(HTML) 7 Page - First Components International

Back Button LM2575-5.0TC5T Datasheet HTML 2Page - First Components International LM2575-5.0TC5T Datasheet HTML 3Page - First Components International LM2575-5.0TC5T Datasheet HTML 4Page - First Components International LM2575-5.0TC5T Datasheet HTML 5Page - First Components International LM2575-5.0TC5T Datasheet HTML 6Page - First Components International LM2575-5.0TC5T Datasheet HTML 7Page - First Components International LM2575-5.0TC5T Datasheet HTML 8Page - First Components International LM2575-5.0TC5T Datasheet HTML 9Page - First Components International LM2575-5.0TC5T Datasheet HTML 10Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7V - 40V
Unregulated
DC Input
+V
IN
1
C
IN
GND 3
5
2
4
D1
MBR360
L1
R2
R1
Output
Feedback
V
=5.0V
OUT
C
OUT
+
+
L
O
A
D
Figure 1(b).Adjustable Output Voltage Versions
V
= V
( 1 +
)
OUT
REF
R2 = R1 (
-1)
where V
= 1.23V, R1 between 1k and 5k.
REF
R2
R1
V
OUT
V
REF
330 µF
100 µF
330 µH
ON/ OFF
Figure 2. Switch Saturation Voltage
1.2
1.0
0.8
0.6
0.4
0
0.2
0.4
0.6
0.8
1.0
SWITCH CURRENT (A)
T = - 55°C
J
2.0
1.5
1.0
0.5
0
-75 -50 -25
0
25
50
75 100 125 150
JUNCTION TEMPERATURE (°C)
Figure 3. Dropout Voltage
DVOUT = 5%
R
= 0.2W
IND
I
= 1A
LOAD
I
= 200mA
LOAD
Typical Performance Characteristics
T = - 25°C
J
T = 150°C
J
LM2575-adj
LM2575 1.0A Step - Down Voltage Switching Regulators


Similar Part No. - LM2575-5.0TC5T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2575-5.0BN MICREL-LM2575-5.0BN Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BN MICREL-LM2575-5.0BN Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BN MICREL-LM2575-5.0BN Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BT MICREL-LM2575-5.0BT Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BT MICREL-LM2575-5.0BT Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results

Similar Description - LM2575-5.0TC5T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com