Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM358 Datasheet(PDF) 3 Page - First Components International

Part No. LM358
Description  Low Power Dual Operational Amplifier Large DC voltage gain: 100dB
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FCI [First Components International]
Homepage  http://www.cotra.com.tw/
Logo 

LM358 Datasheet(HTML) 3 Page - First Components International

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
DC ELECTRICAL CHARACTERISTICS(TA=0 to +70°C)
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIO
Maximum Input Offset
Voltage
VO=1.4V VCC=5.0-
30V;RS=0
VICM=0V to VCC-1.7V
9.0
mV
∆VIO/∆T Input Offset Voltage
Drift
RS=0
Ω, VCC=30V
7.0
µV/°C
IIO
Maximum Input Offset
Current
VCC=5.0V
150
nA
∆IIO/∆T Input Offset Current
Drift
RS=0
Ω, VCC=30V
10
pA/
°C
IIB
Maximum Input Bias
Current
VCC=5.0V
-500
nA
VICR
Input Common Mode
Voltage Range
VCC=30V
0
28
V
ICC
Maximum Power Supply
Current
RL=
∞,VCC=30V,V0=0V
RL=
∞,VCC=5V,V0=0V
3
1.2
mA
AVOL
Minimum Large Signal
Open-Loop Voltage
Gain
VCC=15V, RL
≥2KΩ
15
V/mV
VOH
Minimum Output High-
Level Voltage Swing
VCC=30V,RL=2K
VCC=30V,RL=10K
26
27
V
VOL
Maximum Output Low-
Level Voltage Swing
VCC=5V,RL=10K
20
mV
CMR
Common Mode
Rejection
VCC=30V, RS=10K
65*
dB
PSR
Power Supply Rejection
VCC=30V
65
dB
CS
Channel Separation
f=1KHz to 20KHz,VCC=30V
-120*
dB
ISC
Maximum Output Short
Circuit to GND
VCC=5.0V
60*
mA
Isource
Minimum Source Output
Current
VIN+=1V, VIN-=0V,
VCC=15V, V0=0V
10
mA
Isink
Minimum Output Sink
Current
VIN+=0V, VIN-=1V,
VCC=15V, V0=15V
VIN+=0V, VIN-=1V,
VCC=15V, V0=0.2V
5
12*
mA
µA
VIDR
Differential Input
Voltage Range
All VIN
≥GND or V-Supply (if
used)
VCC*
V
*=@25
°C
LM358 Low Power Dual Operational Amplifier


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn