Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZC3R100A110 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # TZC3R100A110
Description  Selection Guide of Ceramic Trimmer Capacitors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZC3R100A110 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button TZC3R100A110 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZC3R100A110 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZC3R100A110 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZC3R100A110 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZC3R100A110 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TZC3R100A110 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. TZC3R100A110 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. TZC3R100A110 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. TZC3R100A110 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Ceramic Trimmer Capacitors
TZS2 Series
in mm
Tolerance: ±0.1
2.7
0.6
0.4
0.20 Depth
Part Number
C min. (max.)
(pF)
C max.
(pF)
TC
Q
Rated Voltage
Withstanding Voltage
TZS2Z060A001
3.0
6.0 +100/-0%
NP0±300ppm/°C
500min. at 1MHz, Cmax.
25Vdc
55Vdc
TZS2Z100A001
3.5
10.0 +100/-0%
NP0±300ppm/°C
500min. at 1MHz, Cmax.
25Vdc
55Vdc
TZS2R200A001
7.0
20.0 +100/-0%
N750±500ppm/°C
500min. at 1MHz, Cmax.
25Vdc
55Vdc
Insulation Resistance: 10000M ohm
Torque: 0.5 to 5.0mNm
Operating Temperature Range: -25 to +85°C
Cover
Metal Rotor
Monolithic
Stator
c Construction
T13E.pdf
Aug.10,2012
8
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
c Features
1. Ultra-small and thin type with external dimensions
of 2.2(W)x2.7(L)x0.95(H)mm
(30% less in volume than the current product).
2. Unique construction with no plastic material
provides superior soldering heat resistance to
maintain excellent characteristic performance
after reflow soldering.
3. Pierced square hole allows for high resistance to
tuning force and in-process automatic adjustment.
c Applications
1. Crystal oscillators
8. Remote keyless entry systems
2. Crystal filters
9. PHS
3. Hand radios
10. Radar detectors
4. Cordless telephones
11. W-LAN
5. Cellular telephones
12. Compact radios
6. Tuner packs
13. Headphone stereos
7. Pagers


Similar Part No. - TZC3R100A110

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZC3R100A110 MURATA-TZC3R100A110 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZC3R100A110B00 MURATA-TZC3R100A110B00 Datasheet
195Kb / 3P
   Can be reflow and flow
logo
Murata Manufacturing Co...
TZC3R100A110B00 MURATA1-TZC3R100A110B00 Datasheet
268Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm.
Last updated06/17/2022
TZC3R100A110B00 MURATA1-TZC3R100A110B00_V01 Datasheet
268Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm.
Last updated06/17/2022
logo
Murata Manufacturing Co...
TZC3R100A110R00 MURATA-TZC3R100A110R00 Datasheet
197Kb / 3P
   Can be reflow and flow
More results

Similar Description - TZC3R100A110

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
Fairchild Semiconductor
AN-9052 FAIRCHILD-AN-9052 Datasheet
40Kb / 4P
   Design Guide for Selection of Bootstrap Components
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com