Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6720MAX Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6720MAX
Description  LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6720MAX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6720MAX Datasheet HTML 7Page - Texas Instruments LMH6720MAX Datasheet HTML 8Page - Texas Instruments LMH6720MAX Datasheet HTML 9Page - Texas Instruments LMH6720MAX Datasheet HTML 10Page - Texas Instruments LMH6720MAX Datasheet HTML 11Page - Texas Instruments LMH6720MAX Datasheet HTML 12Page - Texas Instruments LMH6720MAX Datasheet HTML 13Page - Texas Instruments LMH6720MAX Datasheet HTML 14Page - Texas Instruments LMH6720MAX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
1
2
3
4
5
6
7
8
9
10
0
50
100
150
200
250
300
350
400
450
GAIN (-V/V)
LMH6714, LMH6720
LMH6722, LMH6722-Q1
www.ti.com
SNOSA39G – NOVEMBER 2002 – REVISED APRIL 2013
In the Figure 32 and Figure 33 charts, the recommended value of RF is depicted by the solid line, which starts
high, decreases to 200
Ω and begins increasing again. The reason that a higher RF is required at higher gains is
the need to keep RG from decreasing too far below the output impedance of the input buffer. For the
LMH6714/LMH6720/LMH6722 the output resistance of the input buffer is approximately 180
Ω and 50Ω is a
practical lower limit for RG. Due to the limitations on RG the LMH6714/LMH6720/LMH6722 begins to operate in a
gain bandwidth limited fashion for gains of ±5V/V or greater.
Figure 33. RF vs. Inverting Gain
ACTIVE FILTERS
When using any current feedback Operational Amplifier as an active filter it is important to be very careful when
using reactive components in the feedback loop. Anything that reduces the impedance of the negative feedback,
especially at higher frequencies, will almost certainly cause stability problems. Likewise capacitance on the
inverting input needs to be avoided. See Application Notes OA-07 (SNOA365) and OA-26 (SNOA387) for more
information on Active Filter applications for Current Feedback Op Amps.
Figure 34. Enable/Disable Operation
ENABLE/DISABLE OPERATION USING ±5V SUPPLIES (LMH6720 ONLY)
The LMH6720 has a TTL logic compatible disable function. Apply a logic low (<.8V) to the DS pin and the
LMH6720 is disabled. Apply a logic high (>2.0V), or let the pin float and the LMH6720 is enabled. Voltage, not
current, at the Disable pin determines the enable/disable state. Care must be exercised to prevent the disable pin
voltage from going more than .8V below the midpoint of the supply voltages (0V with split supplies, VCC/2 with
single supplies) doing so could cause transistor Q1 to Zener resulting in damage to the disable circuit. The core
amplifier is unaffected by this, but disable operation could become slower as a result.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6714 LMH6720 LMH6722 LMH6722-Q1


Similar Part No. - LMH6720MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6720MAX NSC-LMH6720MAX Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6720MAX TI-LMH6720MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6720MAX TI1-LMH6720MAX Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6720MAX/NOPB TI1-LMH6720MAX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
More results

Similar Description - LMH6720MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6720MA TI-LMH6720MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714 TI1-LMH6714_16 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
National Semiconductor ...
LMH6714 NSC-LMH6714 Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com