Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6714MA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6714MA
Description  LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6714MA Datasheet(HTML) 4 Page - Texas Instruments

  LMH6714MA Datasheet HTML 1Page - Texas Instruments LMH6714MA Datasheet HTML 2Page - Texas Instruments LMH6714MA Datasheet HTML 3Page - Texas Instruments LMH6714MA Datasheet HTML 4Page - Texas Instruments LMH6714MA Datasheet HTML 5Page - Texas Instruments LMH6714MA Datasheet HTML 6Page - Texas Instruments LMH6714MA Datasheet HTML 7Page - Texas Instruments LMH6714MA Datasheet HTML 8Page - Texas Instruments LMH6714MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LMH6714, LMH6720
LMH6722, LMH6722-Q1
SNOSA39G – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
Unless specified, AV = +2, RF = 300Ω: VCC = ±5V, RL = 100Ω, LMH6714/LMH6720/LMH6722. Boldface limits apply at
temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
Static, DC Performance
VIO
Input Offset Voltage
±0.2
±6
mV
±8
DVIO
Average Drift
8
μV/°C
IBN
Input Bias Current
Non-Inverting
±1
±10
µA
±15
DIBN
Average Drift
4
nA/°C
IBI
Input Bias Current
Inverting
−4
±12
µA
±20
DIBI
Average Drift
41
nA/°C
PSRR
Power Supply Rejection Ratio
DC
48
58
dB
47
CMRR
Common Mode Rejection
DC
48
54
dB
Ratio
45
ICC
Supply Current
RL = ∞
LMH6714
4.5
5.6
7.5
LMH6720
3
8
mA
LMH6722
18
22.5
30
15
32
ICCI
Supply Current During
LMH6720
500
670
μA
Shutdown
Miscellaneous Performance
RIN
Input Resistance
Non-Inverting
2
M
CIN
Input Capacitance
Non-Inverting
1.0
pF
ROUT
Output Resistance
Closed Loop
0.06
VOUT
Output Voltage Range
RL = ∞
±3.5
±3.9
±3.4
V
RL = 100Ω
±3.6
±3.8
±3.4
CMIR
Input Voltage Range
Common Mode
±2.2
V
IOUT
Output Current(3)
VIN = 0V, Max Linear
50
70
mA
Current
OFFMAX Voltage for Shutdown
LMH6720
0.8
V
ONMIN
Voltage for Turn On
LMH6720
2.0
V
IIH
Current Turn On
LMH6720, SD = 2.0V
−20
2
20
μA
−30
30
IIL
Current Shutdown
LMH6720, SD = .8V
−600
−400
−100
μA
IOZ
ROUT Shutdown
LMH6720, SD = .8V
0.2
1.8
M
ton
Turn on Time
LMH6720
11
ns
toff
Turn off Time
LMH6720
7
ns
(3)
The maximum output current (IOUT) is determined by device power dissipation limitations. See the POWER DISSIPATION section for
more details.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6714 LMH6720 LMH6722 LMH6722-Q1


Similar Part No. - LMH6714MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6714MA NSC-LMH6714MA Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6714MA TI-LMH6714MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714MA TI1-LMH6714MA Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714MA/NOPB TI1-LMH6714MA/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
National Semiconductor ...
LMH6714MAX NSC-LMH6714MAX Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
More results

Similar Description - LMH6714MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6720MA TI-LMH6720MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714 TI1-LMH6714_16 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
National Semiconductor ...
LMH6714 NSC-LMH6714 Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com