Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQW15AN13NJ00B Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQW15AN13NJ00B
Description  Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW15AN13NJ00B Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQW15AN13NJ00B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW15AN13NJ00B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW15AN13NJ00B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW15AN13NJ00B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Horizontal Wire Wound
2012.9.6
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Continued from the preceding page.
Part Number
Inductance
Test Frequency Rated Current
Max. of DC Resistance Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQW15AN4N7D00
p 4.7nH ±0.5nH
100MHz
750mA
0.07ohm
25
250MHz
8.0GHz
LQW15AN5N1B00
p 5.1nH ±0.1nH
100MHz
600mA
0.12ohm
25
250MHz
8.0GHz
LQW15AN5N1C00
p 5.1nH ±0.2nH
100MHz
600mA
0.12ohm
25
250MHz
8.0GHz
LQW15AN5N1D00
p 5.1nH ±0.5nH
100MHz
600mA
0.12ohm
25
250MHz
8.0GHz
LQW15AN5N8B00
p 5.8nH ±0.1nH
100MHz
700mA
0.12ohm
25
250MHz
8.0GHz
LQW15AN5N8C00
p 5.8nH ±0.2nH
100MHz
700mA
0.12ohm
25
250MHz
8.0GHz
LQW15AN5N8D00
p 5.8nH ±0.5nH
100MHz
700mA
0.12ohm
25
250MHz
8.0GHz
LQW15AN6N2B00
p 6.2nH ±0.1nH
100MHz
700mA
0.09ohm
25
250MHz
8.0GHz
LQW15AN6N2C00
p 6.2nH ±0.2nH
100MHz
700mA
0.09ohm
25
250MHz
8.0GHz
LQW15AN6N2D00
p 6.2nH ±0.5nH
100MHz
700mA
0.09ohm
25
250MHz
8.0GHz
LQW15AN6N8G00
p 6.8nH ±2%
100MHz
700mA
0.09ohm
25
250MHz
6.0GHz
LQW15AN6N8H00
p 6.8nH ±3%
100MHz
700mA
0.09ohm
25
250MHz
6.0GHz
LQW15AN6N8J00
p
6.8nH ±5%
100MHz
700mA
0.09ohm
25
250MHz
6.0GHz
LQW15AN7N3G00
p 7.3nH ±2%
100MHz
570mA
0.13ohm
25
250MHz
6.0GHz
LQW15AN7N3H00
p 7.3nH ±3%
100MHz
570mA
0.13ohm
25
250MHz
6.0GHz
LQW15AN7N3J00
p
7.3nH ±5%
100MHz
570mA
0.13ohm
25
250MHz
6.0GHz
LQW15AN7N5G00
p 7.5nH ±2%
100MHz
570mA
0.13ohm
25
250MHz
6.0GHz
LQW15AN7N5H00
p 7.5nH ±3%
100MHz
570mA
0.13ohm
25
250MHz
6.0GHz
LQW15AN7N5J00
p
7.5nH ±5%
100MHz
570mA
0.13ohm
25
250MHz
6.0GHz
LQW15AN8N2G00
p 8.2nH ±2%
100MHz
540mA
0.14ohm
25
250MHz
5.5GHz
LQW15AN8N2H00
p 8.2nH ±3%
100MHz
540mA
0.14ohm
25
250MHz
5.5GHz
LQW15AN8N2J00
p
8.2nH ±5%
100MHz
540mA
0.14ohm
25
250MHz
5.5GHz
LQW15AN8N7G00
p 8.7nH ±2%
100MHz
540mA
0.14ohm
25
250MHz
5.5GHz
LQW15AN8N7H00
p 8.7nH ±3%
100MHz
540mA
0.14ohm
25
250MHz
5.5GHz
LQW15AN8N7J00
p
8.7nH ±5%
100MHz
540mA
0.14ohm
25
250MHz
5.5GHz
LQW15AN9N1G00
p 9.1nH ±2%
100MHz
540mA
0.14ohm
25
250MHz
5.5GHz
LQW15AN9N1H00
p 9.1nH ±3%
100MHz
540mA
0.14ohm
25
250MHz
5.5GHz
LQW15AN9N1J00
p
9.1nH ±5%
100MHz
540mA
0.14ohm
25
250MHz
5.5GHz
LQW15AN9N5G00
p 9.5nH ±2%
100MHz
540mA
0.14ohm
25
250MHz
5.5GHz
LQW15AN9N5H00
p 9.5nH ±3%
100MHz
540mA
0.14ohm
25
250MHz
5.5GHz
LQW15AN9N5J00
p
9.5nH ±5%
100MHz
540mA
0.14ohm
25
250MHz
5.5GHz
LQW15AN10NG00
p 10nH ±2%
100MHz
500mA
0.17ohm
25
250MHz
5.5GHz
LQW15AN10NH00
p
10nH ±3%
100MHz
500mA
0.17ohm
25
250MHz
5.5GHz
LQW15AN10NJ00
p
10nH ±5%
100MHz
500mA
0.17ohm
25
250MHz
5.5GHz
LQW15AN11NG00
p 11nH ±2%
100MHz
500mA
0.14ohm
30
250MHz
5.5GHz
LQW15AN11NH00
p
11nH ±3%
100MHz
500mA
0.14ohm
30
250MHz
5.5GHz
LQW15AN11NJ00
p
11nH ±5%
100MHz
500mA
0.14ohm
30
250MHz
5.5GHz
LQW15AN12NG00
p 12nH ±2%
100MHz
500mA
0.14ohm
30
250MHz
5.5GHz
LQW15AN12NH00
p
12nH ±3%
100MHz
500mA
0.14ohm
30
250MHz
5.5GHz
LQW15AN12NJ00
p
12nH ±5%
100MHz
500mA
0.14ohm
30
250MHz
5.5GHz
LQW15AN13NG00
p 13nH ±2%
100MHz
430mA
0.21ohm
25
250MHz
5.0GHz
LQW15AN13NH00
p
13nH ±3%
100MHz
430mA
0.21ohm
25
250MHz
5.0GHz
LQW15AN13NJ00
p
13nH ±5%
100MHz
430mA
0.21ohm
25
250MHz
5.0GHz
LQW15AN15NG00
p 15nH ±2%
100MHz
460mA
0.16ohm
30
250MHz
5.0GHz
LQW15AN15NH00
p
15nH ±3%
100MHz
460mA
0.16ohm
30
250MHz
5.0GHz
Operating Temperature Range (Self-temperature rise is not included): -55 to +125°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQW15AN13NJ00B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15AN13NJ00B MURATA-LQW15AN13NJ00B Datasheet
74Kb / 2P
   Inductance
More results

Similar Description - LQW15AN13NJ00B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW18ANR33J00D MURATA-LQW18ANR33J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR15G00D MURATA-LQW18ANR15G00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N3C10D MURATA-LQW15AN1N3C10D Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN30NG00D MURATA-LQW15AN30NG00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR12J00D MURATA-LQW18ANR12J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN27NG10D MURATA-LQW18AN27NG10D Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN20NG00D MURATA-LQW18AN20NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN2N2D00D MURATA-LQW18AN2N2D00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN39NG00D MURATA-LQW18AN39NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18A-00 MURATA-LQW18A-00 Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com