Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVA2A474A01 Datasheet(PDF) 25 Page - Murata Manufacturing Co., Ltd.

Part # PVA2A474A01
Description  Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVA2A474A01 Datasheet(HTML) 25 Page - Murata Manufacturing Co., Ltd.

Back Button PVA2A474A01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PVA2A474A01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PVA2A474A01 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. PVA2A474A01 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PVA2A474A01 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PVA2A474A01 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PVA2A474A01 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. PVA2A474A01 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. PVA2A474A01 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
PVM4 Series Notice
c Notice (Operating and Storage Conditions)
c Notice (Rating)
1. When using with partial load (rheostat), minimize
the power depending on the resistance value.
2. The maximum input voltage to a trimmer
potentiometer should not exceed (P·R)^1/2 or the
maximum operating voltage, whichever is smaller.
c Notice (Soldering and Mounting)
Continued on the following page.
R50E.pdf
Jul.23,2012
23
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4
1. Store in temperatures of -10 to +40°C and
relative humidity of 30-85%.
2. Do not store in or near corrosive gases.
3. Use within six months after delivery.
4. Open the package just before using.
5. Do not store under direct sunlight.
6. If you use the trimmer potentiometer in an
environment other than listed at right, please
consult with a Murata factory representative prior
to using.
The trimmer potentiometer should not be used under
the following environmental conditions:
(1) Corrosive gaseous atmosphere
(Ex. Chlorine gas, Hydrogen sulfide gas, Ammonia
gas, Sulfuric acid gas, Nitric oxide gas, etc.)
(2) In liquid
(Ex. Oil, Medical liquid, Organic solvent, etc.)
(3) Dusty/dirty atmosphere
(4) Direct sunlight
(5) Static voltage or electric/magnetic fields
(6) Direct sea breeze
(7) Other variations of the above
1. Soldering
(1) Can be soldered by reflow soldering method, flow
soldering method, and soldering iron.
(2) Use our standard land dimension. Excessive land
area causes displacement due to the effect of
the surface tension of the solder. Insufficient
land area leads to insufficient soldering
strength of the chip.
(3) Soldering conditions
Refer to the temperature profile.
If the soldering conditions are not suitable,
e.g., excessive time and/or excessive temperature,
the trimmer potentiometer may deviate from the
specified characteristics.
(4) Apply the appropriate amount of solder paste.
The thickness of solder paste should be printed
from 100 micro m to 150 micro m and the
dimension of land pattern used should be Murata's
standard land pattern at reflow soldering.
Insufficient amounts of solder can lead to
insufficient soldering strength on PCB.
Excessive amounts of solder may cause bridging
between the terminals.
(5) The soldering iron should not come in contact
with the case of the trimmer potentiometer. If
such contact does occur, the trimmer
potentiometer may be damaged.
2. Mounting
(1) Do not apply excessive force, preferably 9.8N
max. (Ref. 1kgf) when the trimmer potentiometer
is mounted to the PCB.
(2) Do not warp and/or bend the PC board to protect
trimmer potentiometer from breakage.
(3) In chip placers, the recommended size of the
cylindrical pick-up nozzle should be outer
dimension 4.0mm dia. and inner dimension 2.0mm
dia.
3. Cleaning
Isopropyl alcohol and ethyl alcohol are available
materials for cleaning.
For other materials, please consult with a Murata
factory representative prior to using.


Similar Part No. - PVA2A474A01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVA2A474A01 MURATA-PVA2A474A01 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PVA2A474A01B00 MURATA-PVA2A474A01B00 Datasheet
198Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVA2A474A01B00 MURATA1-PVA2A474A01B00 Datasheet
247Kb / 3P
   Ultra-small and thin external dimensions of 2.2(W)x2.75(L)x0.90 max.(T)mm.
08/30/2022
PVA2A474A01B00 MURATA1-PVA2A474A01B00_V01 Datasheet
247Kb / 3P
   Ultra-small and thin external dimensions of 2.2(W)x2.75(L)x0.90 max.(T)mm.
08/30/2022
logo
Murata Manufacturing Co...
PVA2A474A01R00 MURATA-PVA2A474A01R00 Datasheet
198Kb / 3P
   Inductance
More results

Similar Description - PVA2A474A01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVZ3A103C01B00 MURATA-PVZ3A103C01B00 Datasheet
1Mb / 55P
   SMD Open Type 2mm Size PVZ2/PVA2 Series
logo
Panasonic Semiconductor
EVM31G PANASONIC-EVM31G Datasheet
74Kb / 2P
   6mm Size Ceramic Trimmer Potentiometers
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
   trimmer potentiometers
logo
Murata Manufacturing Co...
PVG3A203C01R00 MURATA-PVG3A203C01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3H471C01B00 MURATA1-PVZ3H471C01B00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3H474C01R00 MURATA1-PVZ3H474C01R00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3K103E01R00 MURATA1-PVZ3K103E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K473E01R00 MURATA1-PVZ3K473E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
logo
Murata Manufacturing Co...
PVZ3A103A01R00 MURATA-PVZ3A103A01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PVG5A102C03R00 MURATA-PVG5A102C03R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com