Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC123XNYSZ0F Datasheet(PDF) 15 Page - Sharp Corporation

Part # PC123XNYSZ0F
Description  DIP 4pin Reinforced Insulation Type Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123XNYSZ0F Datasheet(HTML) 15 Page - Sharp Corporation

Back Button PC123XNYSZ0F Datasheet HTML 8Page - Sharp Corporation PC123XNYSZ0F Datasheet HTML 9Page - Sharp Corporation PC123XNYSZ0F Datasheet HTML 10Page - Sharp Corporation PC123XNYSZ0F Datasheet HTML 11Page - Sharp Corporation PC123XNYSZ0F Datasheet HTML 12Page - Sharp Corporation PC123XNYSZ0F Datasheet HTML 13Page - Sharp Corporation PC123XNYSZ0F Datasheet HTML 14Page - Sharp Corporation PC123XNYSZ0F Datasheet HTML 15Page - Sharp Corporation PC123XNYSZ0F Datasheet HTML 16Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Sheet No.: D2-A09501EN
PC123XNNSZ0F Series
2. Wide SMT Gullwing
Package materials
Carrier tape : PS
Cover tape : PET (three layer system)
Reel : PS
Carrier tape structure and Dimensions
Dimensions List
A
24.0±0.3
B
11.5±0.1
C
1.75±0.10
D
8.0±0.1
E
2.0±0.1
H
12.4±0.1
I
0.40±0.05
J
4.1±0.1
K
5.1±0.1
F
4.0±0.1
G
φ1.5+
0.1
−0.0
(Unit : mm)
J
G
I
E
C
F
D
K
Reel structure and Dimensions
a
e
g
f
b
d
Dimensions List
(Unit : mm)
a
φ330
b
25.5±1.5
c
φ100±1
d
φ13.0±0.5
e
φ23±1
f
2.0±0.5
g
2.0±0.5
Direction of product insertion
Pull-out direction
[Packing : 2 000pcs/reel]


Similar Part No. - PC123XNYSZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123 SHARP-PC123 Datasheet
79Kb / 4P
   European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC123 SHARP-PC123 Datasheet
714Kb / 15P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC12310NFZ0F SHARP-PC12310NFZ0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC12310NFZ0X SHARP-PC12310NFZ0X Datasheet
585Kb / 17P
   PC1231xxFZ0X Series Photocoupler
PC12310NIP0F SHARP-PC12310NIP0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
More results

Similar Description - PC123XNYSZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC12311NSZ0F SHARP-PC12311NSZ0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
   VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com