Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFL21SP507X1C3D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NFL21SP507X1C3D
Description  EMIFIL (LC Combined) Multilayer Type NFL21SP Series (0805 Size)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFL21SP507X1C3D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NFL21SP507X1C3D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFL21SP507X1C3D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (LC Combined) > Multilayer Type
2011.11.2
oThis data sheet is applied for LC Combined CHIP EMIFILr used for General Electronics equipment for your design.
EMIFIL
r (LC Combined) Multilayer Type
NFL21SP Series (0805 Size)
c Dimensions
0.25±0.2
0.3±0.2
0.4±0.2
2.0±0.2
0.6±0.2
(2)
(2)
(3)
(1)
(in mm)
: Electrode
c Insertion Loss Characteristics (Main Items)
Frequency (MHz)
0
20
40
80
1
10
100
1000 2000
60
NFL21SP106X1C3
NFL21SP206X1C7
NFL21SP506X1C3
NFL21SP706X1C3
NFL21SP107X1C3
NFL21SP157X1C3
NFL21SP307X1C3
NFL21SP207X1C3
NFL21SP407X1C3
NFL21SP507X1C3
(50
Ω - 50Ω)
c Equivalent Circuit
GND
(2)
Input (Output)
Output (Input)
No polarity.
(3)
(1)
c Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
4000
B
Bulk(Bag)
1000
c Rated Value (p: packaging code)
Part Number
Nominal Cut-off Frequency Capacitance Inductance
Rated Current Rated Voltage
Insulation Resistance (min.)
Withstand Voltage
Operating
Temperature Range
NFL21SP106X1C3
p
10MHz
670pF±20% 680nH±20%
100mA
16Vdc
1000M ohm
50Vdc
-55 to +125°C
NFL21SP206X1C7
p
20MHz
240pF±20% 700nH±20%
100mA
16Vdc
1000M ohm
50Vdc
-55 to +125°C
NFL21SP506X1C3
p
50MHz
84pF±20%
305nH±20%
150mA
16Vdc
1000M ohm
50Vdc
-55 to +125°C
NFL21SP706X1C3
p
70MHz
76pF±20%
185nH±20%
150mA
16Vdc
1000M ohm
50Vdc
-55 to +125°C
NFL21SP107X1C3
p
100MHz
44pF±20%
135nH±20%
200mA
16Vdc
1000M ohm
50Vdc
-55 to +125°C
NFL21SP157X1C3
p
150MHz
28pF±20%
128nH±20%
200mA
16Vdc
1000M ohm
50Vdc
-55 to +125°C
NFL21SP207X1C3
p
200MHz
22pF±20%
72nH±20%
250mA
16Vdc
1000M ohm
50Vdc
-55 to +125°C
NFL21SP307X1C3
p
300MHz
19pF±10%
45nH±10%
300mA
16Vdc
1000M ohm
50Vdc
-55 to +125°C
NFL21SP407X1C3
p
400MHz
16pF±10%
34nH±10%
300mA
16Vdc
1000M ohm
50Vdc
-55 to +125°C
NFL21SP507X1C3
p
500MHz
12pF±10%
31nH±10%
300mA
16Vdc
1000M ohm
50Vdc
-55 to +125°C
Number of Circuits: 1
Continued on the following page.


Similar Part No. - NFL21SP507X1C3D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFL21SP507X1C3D MURATA1-NFL21SP507X1C3D Datasheet
301Kb / 3P
   Suppresses noise with little attenuation of the signal itself due to its steep filtering characteristics.
Last updated07/26/2022
More results

Similar Description - NFL21SP507X1C3D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFW31SP MURATA-NFW31SP Datasheet
46Kb / 2P
   Chip EMIFIL LC Combined Type
BNX023-01L MURATA-BNX023-01L Datasheet
50Kb / 2P
   Block Type EMIFIL LC Combined Type
BNX023-01B MURATA-BNX023-01B Datasheet
50Kb / 2P
   Block Type EMIFIL LC Combined Type
468106 MURATA-468106 Datasheet
50Kb / 2P
   Block Type EMIFIL (LC Combined) SMD Type
NFE61PT102E1H9L MURATA-NFE61PT102E1H9L Datasheet
62Kb / 2P
   EMIFIL (LC Combined) Feed through Type
NFA21SL207X1A48L MURATA-NFA21SL207X1A48L Datasheet
48Kb / 2P
   EMIFIL (LC Combined) Array
NFL18ST207X1C3D MURATA-NFL18ST207X1C3D Datasheet
32Kb / 1P
   EMIFILr (LC Combined) Multilayer Type NFL18ST Series (0603 Size)
BLM21BD121SN1D MURATA-BLM21BD121SN1D Datasheet
306Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM21B Series (0805 Size)
BLM21AG121SN1D MURATA-BLM21AG121SN1D Datasheet
112Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM21A Series (0805 Size)
NFA31GD1006R84D MURATA-NFA31GD1006R84D Datasheet
95Kb / 2P
   EMIFIL (RC Combined) Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com