Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQB15MN3N0W02B Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LQB15MN3N0W02B
Description  Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQB15MN3N0W02B Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LQB15MN3N0W02B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQB15MN3N0W02B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQB15MN3N0W02B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
3
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
100
80
60
40
20
0
100
1000
10000
Frequency (MHz)
33nH
15nH
4.7nH
8.2nH
2.2nH
33nH
15nH
4.7nH
8.2nH
2.2nH
100
10
1
100
1000
10000
Frequency (MHz)
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Film Type
I Q-Frequency Characteristics (Typ.)
I Inductance-Frequency Characteristics (Typ.)
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.
I !Caution/Notice


Similar Part No. - LQB15MN3N0W02B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQB15NNR22J10 MURATA-LQB15NNR22J10 Datasheet
67Kb / 2P
   Inductance
LQB15NNR22J10B MURATA-LQB15NNR22J10B Datasheet
67Kb / 2P
   Inductance
LQB15NNR22J10D MURATA-LQB15NNR22J10D Datasheet
67Kb / 2P
   Inductance
LQB15NNR22K10 MURATA-LQB15NNR22K10 Datasheet
67Kb / 2P
   Inductance
LQB15NNR22K10B MURATA-LQB15NNR22K10B Datasheet
67Kb / 2P
   Inductance
More results

Similar Description - LQB15MN3N0W02B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP15MN3N0B02D MURATA-LQP15MN3N0B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series (0402 Size)
LQP15MN7N5B02D MURATA-LQP15MN7N5B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN3N9B04D MURATA-LQP03TN3N9B04D Datasheet
76Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN6N2J02D MURATA-LQP03TN6N2J02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP18MN12NG02D MURATA-LQP18MN12NG02D Datasheet
48Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN1N0B02D MURATA-LQP03TN1N0B02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQG15HS1N0S02D MURATA-LQG15HS1N0S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HN1N0S02D MURATA-LQG15HN1N0S02D Datasheet
51Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HS1N1S02D MURATA-LQG15HS1N1S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HSR10J02D MURATA-LQG15HSR10J02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type LQG15HS Series (0402 Size)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com