Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH43MN181K03L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH43MN181K03L
Description  Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH43M/LQH43N Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH43MN181K03L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH43MN181K03L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH43MN181K03L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH43MN181K03L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
Inductors (Coils) > Chip Inductor (Chip Coil) > for General Use Wire Wound Type
3.6
±0.2
4.5
±0.3
3.2
±0.2
3.2
±0.2
1.0min. 1.0min. 1.0min.
(in mm)
Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH43M/LQH43N Series (1812 Size)
I Dimensions
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
500
K
330mm Embossed Tape
2500
I Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency
Rated Current
Max. of DC resistance
Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQH43MN1R0M03p
1.0
µH±20%
1MHz
500mA
0.20ohm
20
1MHz
120MHz
LQH43MN1R2M03p
1.2
µH±20%
1MHz
500mA
0.20ohm
20
1MHz
100MHz
LQH43MN1R5M03p
1.5
µH±20%
1MHz
500mA
0.30ohm
20
1MHz
85MHz
LQH43MN1R8M03p
1.8
µH±20%
1MHz
500mA
0.30ohm
20
1MHz
75MHz
LQH43MN2R2M03p
2.2
µH±20%
1MHz
500mA
0.30ohm
20
1MHz
62MHz
LQH43MN2R7M03p
2.7
µH±20%
1MHz
500mA
0.32ohm
20
1MHz
53MHz
LQH43MN3R3M03p
3.3
µH±20%
1MHz
500mA
0.35ohm
20
1MHz
47MHz
LQH43MN3R9M03p
3.9
µH±20%
1MHz
500mA
0.38ohm
20
1MHz
41MHz
LQH43MN4R7K03p
4.7
µH±10%
1MHz
500mA
0.40ohm
30
1MHz
38MHz
LQH43MN5R6K03p
5.6
µH±10%
1MHz
500mA
0.47ohm
30
1MHz
33MHz
LQH43MN6R8K03p
6.8
µH±10%
1MHz
450mA
0.50ohm
30
1MHz
31MHz
LQH43MN8R2K03p
8.2
µH±10%
1MHz
450mA
0.56ohm
30
1MHz
27MHz
LQH43MN100J03p
10
µH±5%
1MHz
400mA
0.56ohm
35
1MHz
23MHz
LQH43MN100K03p
10
µH±10%
1MHz
400mA
0.56ohm
35
1MHz
23MHz
LQH43MN120J03p
12
µH±5%
1MHz
380mA
0.62ohm
35
1MHz
21MHz
LQH43MN120K03p
12
µH±10%
1MHz
380mA
0.62ohm
35
1MHz
21MHz
LQH43MN150J03p
15
µH±5%
1MHz
360mA
0.73ohm
35
1MHz
19MHz
LQH43MN150K03p
15
µH±10%
1MHz
360mA
0.73ohm
35
1MHz
19MHz
LQH43MN180J03p
18
µH±5%
1MHz
340mA
0.82ohm
35
1MHz
17MHz
LQH43MN180K03p
18
µH±10%
1MHz
340mA
0.82ohm
35
1MHz
17MHz
LQH43MN220J03p
22
µH±5%
1MHz
320mA
0.94ohm
35
1MHz
15MHz
LQH43MN220K03p
22
µH±10%
1MHz
320mA
0.94ohm
35
1MHz
15MHz
LQH43MN270J03p
27
µH±5%
1MHz
300mA
1.1ohm
35
1MHz
14MHz
LQH43MN270K03p
27
µH±10%
1MHz
300mA
1.1ohm
35
1MHz
14MHz
Class of Magnetic Shield: No magnetic shield
Operating Temperature Range: -40
°C to +85°C
Continued on the following page.


Similar Part No. - LQH43MN181K03L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH43MN181K03 MURATA-LQH43MN181K03 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
More results

Similar Description - LQH43MN181K03L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN330K23L MURATA-LQH32MN330K23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH31MNR15K03D MURATA-LQH31MNR15K03D Datasheet
67Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH31M Series
LQH32MN470J23L MURATA-LQH32MN470J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
LQH32MN1R0M23L MURATA-LQH32MN1R0M23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
LQM21NN3R3K10L MURATA-LQM21NN3R3K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NN4R7K10L MURATA-LQM21NN4R7K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
L0075S0092LQM21N MURATA-L0075S0092LQM21N Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com