Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH31MN390J03L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH31MN390J03L
Description  Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH31M Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH31MN390J03L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH31MN390J03L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH31MN390J03L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH31MN390J03L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
Inductors (Coils) > Chip Inductor (Chip Coil) > for General Use Wire Wound Type
2.3
±0.2
1.6
±0.2
1.6
±0.2
3.2
±0.3
0.7 min. 0.7 min. 0.7 min.
(in mm)
Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH31M Series (1206 Size)
I Dimensions
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
2000
K
330mm Embossed Tape
7500
I Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency
Rated Current
DC Resistance Q (min.)
Test Frequency
Self Resonance Frequency (min.)
LQH31MNR15K03p
0.15
µH±10%
1MHz
250mA
0.39ohm
±40%
20
25MHz
250MHz
LQH31MNR22K03p
0.22
µH±10%
1MHz
240mA
0.43ohm
±40%
20
25MHz
250MHz
LQH31MNR33K03p
0.33
µH±10%
1MHz
230mA
0.45ohm
±40%
30
25MHz
250MHz
LQH31MNR47K03p
0.47
µH±10%
1MHz
215mA
0.83ohm
±40%
30
25MHz
200MHz
LQH31MNR56K03p
0.56
µH±10%
1MHz
200mA
0.61ohm
±40%
30
25MHz
180MHz
LQH31MNR68K03p
0.68
µH±10%
1MHz
190mA
0.67ohm
±40%
30
25MHz
160MHz
LQH31MNR82K03p
0.82
µH±10%
1MHz
185mA
0.73ohm
±40%
30
25MHz
120MHz
LQH31MN1R0K03p
1.0
µH±10%
1MHz
175mA
0.49ohm
±30%
35
10MHz
100MHz
LQH31MN1R2J03p
1.2
µH±5%
1MHz
165mA
0.37ohm
±30%
35
10MHz
90MHz
LQH31MN1R2K03p
1.2
µH±10%
1MHz
165mA
0.9ohm
±30%
35
10MHz
90MHz
LQH31MN1R5J03p
1.5
µH±5%
1MHz
155mA
1.0ohm
±30%
35
10MHz
75MHz
LQH31MN1R5K03p
1.5
µH±10%
1MHz
155mA
1.0ohm
±30%
35
10MHz
75MHz
LQH31MN1R8J03p
1.8
µH±5%
1MHz
150mA
1.6ohm
±30%
35
10MHz
60MHz
LQH31MN1R8K03p
1.8
µH±10%
1MHz
150mA
1.6ohm
±30%
35
10MHz
60MHz
LQH31MN2R2J03p
2.2
µH±5%
1MHz
140mA
0.7ohm
±30%
35
10MHz
50MHz
LQH31MN2R2K03p
2.2
µH±10%
1MHz
140mA
0.7ohm
±30%
35
10MHz
50MHz
LQH31MN2R7J03p
2.7
µH±5%
1MHz
135mA
0.55ohm
±30%
35
10MHz
43MHz
LQH31MN2R7K03p
2.7
µH±10%
1MHz
135mA
0.55ohm
±30%
35
10MHz
43MHz
LQH31MN3R3J03p
3.3
µH±5%
1MHz
130mA
0.61ohm
±30%
35
8MHz
38MHz
LQH31MN3R3K03p
3.3
µH±10%
1MHz
130mA
0.61ohm
±30%
35
8MHz
38MHz
LQH31MN3R9J03p
3.9
µH±5%
1MHz
125mA
1.5ohm
±30%
35
8MHz
35MHz
LQH31MN3R9K03p
3.9
µH±10%
1MHz
125mA
1.5ohm
±30%
35
8MHz
35MHz
LQH31MN4R7J03p
4.7
µH±5%
1MHz
120mA
1.7ohm
±30%
35
8MHz
31MHz
LQH31MN4R7K03p
4.7
µH±10%
1MHz
120mA
1.7ohm
±30%
35
8MHz
31MHz
Class of Magnetic Shield: No magnetic shield
Operating Temperature Range: -40
°C to +85°C
Continued on the following page.


Similar Part No. - LQH31MN390J03L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH31MN100J03 MURATA1-LQH31MN100J03 Datasheet
423Kb / 3P
   Inductors
11/24/2022
LQH31MN100J03L MURATA1-LQH31MN100J03L Datasheet
423Kb / 3P
   Inductors
11/24/2022
LQH31MN101J03 MURATA1-LQH31MN101J03 Datasheet
423Kb / 3P
   Inductors
11/24/2022
LQH31MN101J03L MURATA1-LQH31MN101J03L Datasheet
423Kb / 3P
   Inductors
11/24/2022
LQH31MN101K03 MURATA1-LQH31MN101K03 Datasheet
423Kb / 3P
   Inductors
11/24/2022
More results

Similar Description - LQH31MN390J03L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN330K23L MURATA-LQH32MN330K23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH43MN1R0M03L MURATA-LQH43MN1R0M03L Datasheet
70Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH43M/LQH43N Series
LQH32MN470J23L MURATA-LQH32MN470J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
LQH32MN1R0M23L MURATA-LQH32MN1R0M23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
LQM21NN3R3K10L MURATA-LQM21NN3R3K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NN4R7K10L MURATA-LQM21NN4R7K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
L0075S0092LQM21N MURATA-L0075S0092LQM21N Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com