Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH31MN150K03L Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQH31MN150K03L
Description  Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH31M Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH31MN150K03L Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQH31MN150K03L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH31MN150K03L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH31MN150K03L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
Inductors (Coils) > Chip Inductor (Chip Coil) > for General Use Wire Wound Type
Part Number
Inductance
Test Frequency
Rated Current
DC Resistance Q (min.)
Test Frequency
Self Resonance Frequency (min.)
LQH31MN5R6J03p
5.6
µH±5%
1MHz
115mA
1.8ohm
±30%
35
8MHz
28MHz
LQH31MN5R6K03p
5.6
µH±10%
1MHz
115mA
1.8ohm
±30%
35
8MHz
28MHz
LQH31MN6R8J03p
6.8
µH±5%
1MHz
110mA
2.0ohm
±30%
35
8MHz
25MHz
LQH31MN6R8K03p
6.8
µH±10%
1MHz
110mA
2.0ohm
±30%
35
8MHz
25MHz
LQH31MN8R2J03p
8.2
µH±5%
1MHz
105mA
2.2ohm
±30%
35
8MHz
23MHz
LQH31MN8R2K03p
8.2
µH±10%
1MHz
105mA
2.2ohm
±30%
35
8MHz
23MHz
LQH31MN100J03p
10
µH±5%
1MHz
100mA
2.5ohm
±30%
35
5MHz
20MHz
LQH31MN100K03p
10
µH±10%
1MHz
100mA
2.5ohm
±30%
35
5MHz
20MHz
LQH31MN120J03p
12
µH±5%
1MHz
95mA
2.7ohm
±30%
35
5MHz
18MHz
LQH31MN120K03p
12
µH±10%
1MHz
95mA
2.7ohm
±30%
35
5MHz
18MHz
LQH31MN150J03p
15
µH±5%
1MHz
90mA
3.0ohm
±30%
35
5MHz
16MHz
LQH31MN150K03p
15
µH±10%
1MHz
90mA
3.0ohm
±30%
35
5MHz
16MHz
LQH31MN180J03p
18
µH±5%
1MHz
85mA
3.4ohm
±30%
35
5MHz
15MHz
LQH31MN180K03p
18
µH±10%
1MHz
85mA
3.4ohm
±30%
35
5MHz
15MHz
LQH31MN220J03p
22
µH±5%
1MHz
85mA
3.1ohm
±30%
40
2.5MHz
14MHz
LQH31MN220K03p
22
µH±10%
1MHz
85mA
3.1ohm
±30%
40
2.5MHz
14MHz
LQH31MN270J03p
27
µH±5%
1MHz
85mA
3.4ohm
±30%
40
2.5MHz
13MHz
LQH31MN270K03p
27
µH±10%
1MHz
85mA
3.4ohm
±30%
40
2.5MHz
13MHz
LQH31MN330J03p
33
µH±5%
1MHz
80mA
3.8ohm
±30%
40
2.5MHz
12MHz
LQH31MN330K03p
33
µH±10%
1MHz
80mA
3.8ohm
±30%
40
2.5MHz
12MHz
LQH31MN390J03p
39
µH±5%
1MHz
55mA
7.2ohm
±30%
40
2.5MHz
11MHz
LQH31MN390K03p
39
µH±10%
1MHz
55mA
7.2ohm
±30%
40
2.5MHz
11MHz
LQH31MN470J03p
47
µH±5%
1MHz
55mA
8.0ohm
±30%
40
2.5MHz
10MHz
LQH31MN470K03p
47
µH±10%
1MHz
55mA
8.0ohm
±30%
40
2.5MHz
10MHz
LQH31MN560J03p
56
µH±5%
1MHz
50mA
8.9ohm
±30%
40
2.5MHz
9MHz
LQH31MN560K03p
56
µH±10%
1MHz
50mA
8.9ohm
±30%
40
2.5MHz
9MHz
LQH31MN680J03p
68
µH±5%
1MHz
50mA
9.9ohm
±30%
40
2.5MHz
8.5MHz
LQH31MN680K03p
68
µH±10%
1MHz
50mA
9.9ohm
±30%
40
2.5MHz
8.5MHz
LQH31MN820J03p
82
µH±5%
1MHz
45mA
11ohm
±30%
40
2.5MHz
7.5MHz
LQH31MN820K03p
82
µH±10%
1MHz
45mA
11ohm
±30%
40
2.5MHz
7.5MHz
LQH31MN101J03p
100
µH±5%
1MHz
45mA
12ohm
±30%
40
2.5MHz
7MHz
LQH31MN101K03p
100
µH±10%
1MHz
45mA
12ohm
±30%
40
2.5MHz
7MHz
Class of Magnetic Shield: No magnetic shield
Operating Temperature Range: -40
°C to +85°C
Continued on the following page.


Similar Part No. - LQH31MN150K03L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH31MN150K03L MURATA1-LQH31MN150K03L Datasheet
423Kb / 3P
   Inductors
11/24/2022
More results

Similar Description - LQH31MN150K03L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN330K23L MURATA-LQH32MN330K23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH43MN1R0M03L MURATA-LQH43MN1R0M03L Datasheet
70Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH43M/LQH43N Series
LQH32MN470J23L MURATA-LQH32MN470J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
LQH32MN1R0M23L MURATA-LQH32MN1R0M23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
LQM21NN3R3K10L MURATA-LQM21NN3R3K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NN4R7K10L MURATA-LQM21NN4R7K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
L0075S0092LQM21N MURATA-L0075S0092LQM21N Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com