Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPN660A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FPN660A
Description  PNP Low Saturation Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPN660A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FPN660A Datasheet HTML 1Page - Fairchild Semiconductor FPN660A Datasheet HTML 2Page - Fairchild Semiconductor FPN660A Datasheet HTML 3Page - Fairchild Semiconductor FPN660A Datasheet HTML 4Page - Fairchild Semiconductor FPN660A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, November 2002
Absolute Maximum Ratings T
A=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150
°C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
3) All voltage (V) and currents (A) are negative polarity for PNP transistors
Electrical Characteristics T
A=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
NOTE: All voltage (V) and currents (A) are negative polarity for PNP transistors.
Symbol
Parameter
FPN660
FPN660A
Units
VCEO
Collector-Emitter Voltage
60
60
V
VCBO
Collector-Base Voltage
80
60
V
VEBO
Emitter-Base Voltage
5
5
V
IC
Collector Current
- Continuous
3
3
A
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 ~ +150
-55 ~ +150
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Off Characteristics
BVCEO
Collector-Emitter Breakdown Voltage
IC = 10mA, IB = 0
55
V
BVCBO
Collector-Base Breakdown Voltage
IE = 100µA, IE = 0
FPN660
FPN660A
80
60
V
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 100µA, IC = 0
5.0
V
ICBO
Collector-Base Cutoff Current
VCB = 30V, IE = 0
VCB = 30V, IE = 0, TA = 100°C
100
10
nA
µA
IEBO
Emitter-Base Cutoff Current
VEB = 4.0V, IC = 0
100
nA
On Characteristics *
hFE
DC Current Gain
IC = 100mA, VCE = 2.0V
IC = 500mA, VCE = 2.0V
FPN660
FPN660A
IC = 1.0A, VCE = 2.0V
IC = 2.0A, VCE = 2.0V
70
100
250
80
40
300
550
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 1.0A, IB = 100mA
IC = 2.0A, IB = 200mA
FPN660
FPN660A
300
450
400
mV
mV
mV
VBE(sat)
Base-Emitter Saturation Voltage
IC = 1.0A, IB = 100mA
1.25
V
VBE(on)
Base-Emitter On Voltage
IC = 1.0A, VCE = 2.0V
1.0
V
Small Signal Characteristics
Cobo
Output Capacitance
VCB = 10V, IE = 0, f = 1MHz
45
pF
fT
Transition Frequency
IC = 100mA, VCE = 5.0V,
f = 100MHz
75
MHz
FPN660/FPN660A
PNP Low Saturation Transistor
• These devices are designed for high current gain and low saturation
voltage with collector currents up to 3.0A continuous.
• Sourced from process PA.
C
B
E
TO-226


Similar Part No. - FPN660A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPN630 FAIRCHILD-FPN630 Datasheet
47Kb / 4P
   PNP Low Saturation Transistor
FPN630A FAIRCHILD-FPN630A Datasheet
47Kb / 4P
   PNP Low Saturation Transistor
More results

Similar Description - FPN660A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB660 FAIRCHILD-FSB660 Datasheet
223Kb / 7P
   PNP Low Saturation Transistor
FZT749 FAIRCHILD-FZT749 Datasheet
27Kb / 2P
   PNP Low Saturation Transistor
FMMT549 FAIRCHILD-FMMT549_06 Datasheet
151Kb / 5P
   PNP Low Saturation Transistor
FSB660 FAIRCHILD-FSB660_01 Datasheet
54Kb / 4P
   PNP Low Saturation Transistor
logo
ON Semiconductor
FZT790A ONSEMI-FZT790A Datasheet
279Kb / 7P
   PNP Low Saturation Transistor
February 2015 Rev. 3.1
FSB749 ONSEMI-FSB749 Datasheet
267Kb / 6P
   PNP Low Saturation Transistor
January 2014 Rev. 1.1.0
logo
Fairchild Semiconductor
FMBS549 FAIRCHILD-FMBS549 Datasheet
204Kb / 6P
   PNP Low Saturation Transistor
FMBS549 FAIRCHILD-FMBS549_06 Datasheet
178Kb / 5P
   PNP Low Saturation Transistor
ZTX749A FAIRCHILD-ZTX749A Datasheet
40Kb / 3P
   PNP Low Saturation Transistor
NZT660 FAIRCHILD-NZT660 Datasheet
200Kb / 7P
   PNP Low Saturation Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com