Electronic Components Datasheet Search |
|
LQH6LLN680M43L Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd. |
|
LQH6LLN680M43L Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd. |
2 / 2 page Continued from the preceding page. http://www.murata.com/ Data Sheet ! Note: 1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 2 o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design. 2010.9.9 0.1 1 10 100 1000 0.1 1 10 100 1000 Frequency (MHz) 1.0 µH 1.5 µH 2.2 µH 3.3 µH 4.7 µH 6.8 µH 10 µH 15 µH 22 µH 33 µH 47 µH 68 µH 100 µH 0.1 1 10 100 1000 10 100 1000 10000 Current (mA) 1.0 µH 1.5 µH 2.2 µH 3.3 µH 4.7 µH 6.8 µH 10 µH 15 µH 22 µH 33 µH 47 µH 68 µH 100 µH Current (mA) 40 30 20 10 0 0 1000 2000 3000 4000 5000 3.3 µH 4.7 µH 15 µH10µH 6.8 µH 22 µH 100 µH 2.2 µH 1.5 µH 1.0 µH 68 µH 47 µH 33 µH Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type) <Rated Current> (Based on Inductance Change) When Rated Current is applied to the Products, Inductance will be within +-30% of nominal Inductance value. <Rated Current> (Based on Temperature Rise) When Rated Current is applied to the Products, self-generation of heat will rise to 40 °C or less. I Notice (Rated Current) I Inductance-Frequency Characteristics (Typ.) I Inductance-Current Characteristics (Typ.) I Temperature Rise Characteristics (Typ.) !Caution (Rating) Do not use products beyond the rated current as this may create excessive heat. Notice Solderability of Tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the Tin melting point is used. Please confirm the solderability of Tin plating termination chip before use. I !Caution/Notice |
Similar Part No. - LQH6LLN680M43L |
|
Similar Description - LQH6LLN680M43L |