Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH6LLN2R2N43L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH6LLN2R2N43L
Description  Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH6PP Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH6LLN2R2N43L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH6LLN2R2N43L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH6LLN2R2N43L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type)
6.0
±0.2
6.0
±0.2
1.65
±0.2
1.65
±0.2
(in mm)
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PP Series (2424 Size)
I Dimensions
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
250
K
330mm Embossed Tape
1500
I Rated Value (p: packaging code)
Part Number
Inductance
Rated Current
(Based on Inductance Change)
Rated Current
(Based on Temperature Rise)
DC Resistance
Self Resonance
Frequency (min.)
LQH6PPN1R0N43p
1.0
µH±30%
7.50A
4.30A
0.009ohm
±30%
110MHz
LQH6PPN1R5N43p
1.5
µH±30%
6.50A
4.15A
0.010ohm
±30%
60MHz
LQH6PPN2R2N43p
2.2
µH±30%
5.60A
4.10A
0.014ohm
±30%
30MHz
LQH6PPN3R3N43p
3.3
µH±30%
4.50A
3.80A
0.016ohm
±30%
30MHz
LQH6PPN4R7M43p
4.7
µH±20%
4.00A
3.20A
0.020ohm
±30%
25MHz
LQH6PPN6R8M43p
6.8
µH±20%
3.20A
2.85A
0.028ohm
±30%
20MHz
LQH6PPN100M43p
10
µH±20%
2.60A
2.60A
0.044ohm
±30%
15MHz
LQH6PPN150M43p
15
µH±20%
2.20A
2.20A
0.065ohm
±30%
10MHz
LQH6PPN220M43p
22
µH±20%
1.70A
1.55A
0.108ohm
±30%
10MHz
LQH6PPN330M43p
33
µH±20%
1.60A
1.29A
0.137ohm
±30%
6MHz
LQH6PPN470M43p
47
µH±20%
1.25A
1.10A
0.230ohm
±30%
6MHz
LQH6PPN680M43p
68
µH±20%
1.10A
1.00A
0.289ohm
±30%
5MHz
LQH6PPN101M43p
100
µH±20%
0.92A
0.80A
0.436ohm
±30%
3MHz
Test Frequency: 100kHz
Class of Magnetic Shield: Magnetic shield of magnetic powder in resin
Operating Temperature Range (Self-temperature rise is included): -40
°C to +125°C
Operating Temperature Range (Self-temperature rise is not included): -40
°C to +85°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQH6LLN2R2N43L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH66S MURATA-LQH66S Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
logo
Fairchild Semiconductor
LQH66SN100M01C FAIRCHILD-LQH66SN100M01C Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
logo
Murata Manufacturing Co...
LQH66SN100M03 MURATA-LQH66SN100M03 Datasheet
49Kb / 2P
   Chip Coils for Choke Large Current Type
LQH66SN100M03 MURATA-LQH66SN100M03 Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH66SN101M03 MURATA-LQH66SN101M03 Datasheet
49Kb / 2P
   Chip Coils for Choke Large Current Type
More results

Similar Description - LQH6LLN2R2N43L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH88P MURATA-LQH88P Datasheet
76Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH43PN1R0N26 MURATA-LQH43PN1R0N26 Datasheet
82Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PP MURATA-LQH6PP Datasheet
75Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PPN3R3N43L MURATA-LQH6PPN3R3N43L Datasheet
75Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com