Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDXD4805EC Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # NDXD4805EC
Description  Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NDXD4805EC Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  NDXD4805EC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NDXD4805EC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NDXD4805EC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NDXD4805EC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NDXD4805EC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NDXD4805EC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NDX Series
Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
KDC_NDXC.G01 Page 6 of 6
All enquiries: www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2011 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
www.murata-ps.com/locations
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Function
Duals
Singles
1-VIN
-VIN
2+VIN
+VIN
3*
CTRL
CTRL
4+VOUT
+VOUT
5
OV
No pin
6-VOUT
OV
* Optional pin
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
* Optional pin
All dimensions in inches ±0.010 (mm 0.25mm) except where stated otherwise.
All pins on a 0.100 (2.54) pitch and within 0.010 (0.25) of true position.
The copper case is connected to the output (-VOUT) pin. Care is needed in the design of this circuit board on which the
converter is mounted. Top side tracks must not contact the edge of the case on the underside of the unit.
Please note that from 2010 onwards you may receive either a blue or a black case finish.
0.8
(20.32)
0.23±0.04 (5.84±1.0)
0.392 (9.96)
0.2 (5.08)
0.20 (5.08)
0.80
(20.32)
0.189 (4.8)
0.157 (4.0)
Ø
0.394
(10.00)
0.98
(25.00)
1.26 (32.00)
*
XYYWW
NDXD2412C
0.041 (1.04)
0.035 (0.90)
3
2
1
4
5
6
0.400
(10.16)
0.092
(2.34)
Weight: 20g
0.1 (2.54)
0.1 (2.54)
0.069 (1.75)
0.063 (1.60)
Ø
HOLES
0.00394 (0
Hole not required for single output variants.
All dimensions in inches ±0.010 (mm 0.25mm).
All dimensions in inches ±0.010 (mm 0.25mm).
Quantity: 15
0.031±0.006 (0.80±0.15)
0.732
(18.60)
0.488 (12.40)
1.362 (34.60)


Similar Part No. - NDXD4805EC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NDX30AN-20P ETC-NDX30AN-20P Datasheet
6Mb / 18P
   DXM (1.27MM PITCH&ISERIES HIGH-DENSITY 1/0 CONNECTOR
04/2009
More results

Similar Description - NDXD4805EC

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF700RW MPD-LF700RW Datasheet
230Kb / 2P
   Wide Input, 7.5W SMT Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
NCM6 MURATA-PS-NCM6 Datasheet
536Kb / 19P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
   Isolated 3W Wide Input Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-2W TOPPOWER-TP2L-2W Datasheet
207Kb / 3P
   2W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
   ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
Toppower Electronic Tec...
TP2L-3W-3KVDC TOPPOWER-TP2L-3W-3KVDC Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-1W TOPPOWER-TP2L-1W Datasheet
204Kb / 3P
   1W Isolated Wide Input Single And Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com