Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDXS4812C Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # NDXS4812C
Description  Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NDXS4812C Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  NDXS4812C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NDXS4812C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NDXS4812C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NDXS4812C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NDXS4812C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NDXS4812C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NDX Series
Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
KDC_NDXC.G01 Page 4 of 6
All enquiries: www.murata-ps.com/support
www.murata-ps.com
APPLICATION NOTES
External Capacitance
Although these converters will work without external capacitors, they are
necessary in order to guarantee the full parametric performance over the full
line and load range. All parts have been tested and characterised using the
following values and test circuit.
Value
Input Voltage
CIN
COUT1
COUT2
5V & 12V
100μF, 100V
0.1μF, 25V multi-layer
ceramic
100μF, 25V (low ESR)
24V & 48V
10μF, 200V
Recommended Input & Output Capacitors
Control Pin
Cross Regulation
Dual Output: This provides an OFF function, which puts the converter into a low
power mode. When the pin is high the converter is OFF. Standard TTL levels can
be used but the maximum high level must not exceed 7.0V. The pin can be left
open for normal operation or at voltage below 0.8V with respect to the -VIN pin.
Single Output: As per dual output, however a series diode must be fitted when
the control pin is used on the single output variants. Recommended diode
1N4148 or similar (direction of fitting is cathode to control pin).
Load regulation is at its best when the positive and negative loads are balanced.
When the loads are asymmetric, the negative output is not as tightly regulated as the
positive output. To meet ripple specification a total minimum load of 25% full load
is required, however, the NDX can be used with much lighter loading at the expense
of increased ripple. A small load of 150mW is required on the negative output to
ensure the maximum negative output voltage is not exceeded. NDX cross regulation
is defined on page 2.
Minimum load
The minimum load for correct operation is 25% of the full rated load across the specified input voltage range. Lower loads may cause a significant increase in output ripple
and may cause the output voltage to exceed its specification transiently during power-down when the input voltage also falls below its rated minimum. A minimum loading
of 30% load is required on NDXD4805 to prevent output voltage rise above specification during power-down.
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Murata Power Solutions NDX series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 1kVDC for 1 second.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
For a part holding no specific agency approvals, such as the NDX series, both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or
60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part
could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must
be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry according to
safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials,
construction and environment. The NDX series has an EI ferrite core, with no additional insulation between primary and secondary windings of enameled wire. While parts can be
expected to withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically polyurethane)
is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be strictly limited. We therefore strongly
advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specified test voltage.
This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.
NDXDC
CIN
+VOUT
-VIN
+VIN
-VOUT
OV
COUT2
COUT2
COUT1
COUT1
NDXSC
CIN
+VOUT
-VIN
+VIN
OV
COUT2
COUT1


Similar Part No. - NDXS4812C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NDX30AN-20P ETC-NDX30AN-20P Datasheet
6Mb / 18P
   DXM (1.27MM PITCH&ISERIES HIGH-DENSITY 1/0 CONNECTOR
04/2009
More results

Similar Description - NDXS4812C

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF700RW MPD-LF700RW Datasheet
230Kb / 2P
   Wide Input, 7.5W SMT Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
NCM6 MURATA-PS-NCM6 Datasheet
536Kb / 19P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
   Isolated 3W Wide Input Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-2W TOPPOWER-TP2L-2W Datasheet
207Kb / 3P
   2W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
   ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
Toppower Electronic Tec...
TP2L-3W-3KVDC TOPPOWER-TP2L-3W-3KVDC Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-1W TOPPOWER-TP2L-1W Datasheet
204Kb / 3P
   1W Isolated Wide Input Single And Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com