Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1002A090SM Datasheet(PDF) 1 Page - Littelfuse

Part # SL1002A090SM
Description  Gas Discharge Tube (GDT) Products SL1002A Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1002A090SM Datasheet(HTML) 1 Page - Littelfuse

  SL1002A090SM Datasheet HTML 1Page - Littelfuse SL1002A090SM Datasheet HTML 2Page - Littelfuse SL1002A090SM Datasheet HTML 3Page - Littelfuse SL1002A090SM Datasheet HTML 4Page - Littelfuse SL1002A090SM Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2009 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
35
Revised: November 10, 2009
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1002A Series
SL1002A Series
Description
Features
• RoHS compliant/Lead-
free
• Ultra low insertion loss
• Surface mountable
• 5kA surge capability
tested with 8/20μS–
Pulse as defined by IEC
61000-4-5
• Excellent response to
fast rising transients
• Can be used to meet
Telcordia GR1089
without series
resistance
• 10/700 6kV capability,
as per ITU-T Rec. K.21,
enhanced test level
• 2000 A 2/10μs surge
rating
• Meet FCC part 68
10/160μs waveform,
200A test and 10/560μs
waveform 100A test
• Halogen-free
Applications
• Broadband equipment
• ADSL equipment
• XDSL equipment
• Satellite and CATV
equipment
• General telecom
equipment
AGENCY
AGENCY FILE NUMBER
®
E128662
Agency Approvals
®
SL1002A Series
2 Electrode GDT Graphical Symbol
Revised: November 10, 2009
The Broadband Optimized™ SL1002A series has
been especially developed for use in broadband
equipment. Special design features provide high
levels of protection against fast rising transients
in the 100V/μs to 1kV/μs range usually caused by
lightning disturbances. These devices have ultra low
capacitance (typically 1.2pF or less) and present
insignificant signal losses up to 1.5GHz. These
devices are extremely robust and are able to divert
a 5000A pulse without destruction. For AC Power
Cross of long duration, overcurrent protection is
recommended.


Similar Part No. - SL1002A090SM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1002A090 LITTELFUSE-SL1002A090 Datasheet
217Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
SL1002A090 LITTELFUSE-SL1002A090 Datasheet
206Kb / 2P
   Greentube??SL1002A Series Gas Plasma Arrester
SL1002A090 LITTELFUSE-SL1002A090 Datasheet
206Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Similar Description - SL1002A090SM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1002A230SM LITTELFUSE-SL1002A230SM Datasheet
206Kb / 5P
   Gas Discharge Tube (GDT) Products SL1002A Series
SL1002A075SM LITTELFUSE-SL1002A075SM Datasheet
206Kb / 5P
   Gas Discharge Tube (GDT) Products SL1002A Series
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com