Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFB182G45SG9A272 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LFB182G45SG9A272
Description  Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFB182G45SG9A272 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LFB182G45SG9A272 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A272 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A272 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A272 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A272 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A272 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A272 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A272 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A272 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Filters for Communication Equipment
7
o LFB21(0805)_CG Series
LFB21_CG Series
<Top View>
<Bottom View>
(1)
(2)
(3)
(4)
(in mm)
(1)
(2)(4)
(3)
: IN
: GND
: OUT
Directional Input Mark
2.00
±0.15
0.40
±0.10
0.30
±0.10
0.30
±0.10
Frequency Characteristics
-70
0
-10
-20
-30
-40
-50
-60
1.00
1.50
2.00
2.50
3.00
3.50
4.00
Frequency (GHz)
Insertion Loss
Return Loss
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation
(Absolute Value) I)
(dB)
Attenuation
(Absolute Value) II)
(dB)
Application
LFB212G45CG1B187
2450.00
fo
±50.00
0.90 max.
(at 25
°C)
28 min.
at 824~960MHz
15 min.
at 1710~1910MHz
WLAN/BT
LFB212G45CG1B982
2450.00
fo
±50.00
1.00 max.
(at 25
°C)
28 min.
at 824~849MHz
17 min.
at 1920~1990MHz
WLAN/BT
LFB212G45CG2D013
2450.00
fo
±50.00
2.50 max.
(at 25
°C)
30 min.
at 824~915MHz
32 min.
at 1920~1980MHz
WLAN/BT
o LFB21(0805)_SG Series
LFB21_SG Series
2.00
±0.15
0.95
±0.10
(1)
(4)
(2)
(3)
0.20
±0.15
A
A : Directional Input Mark
All the technical data and information contained
herein are subject to change without prior notice.
(1)(3) : GND
(2) : OUT
(4) : IN
(in mm)
1.6
+0.10
-0.15
0.3
+0.1
-0.2
Frequency Characteristics
0.00
-20.00
-40.00
-60.00
-80.00
0.50
1.00
1.50
2.00
2.50
3.00
Frequency (GHz)
Insertion Loss
Return Loss
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation
(Absolute Value) I)
(dB)
Attenuation
(Absolute Value) II)
(dB)
Application
LFB211G90SG8B704
1906.5
fo
±13.5
3.0 max.
(at 25
°C)
20 min.
at 1660.5~1686.3MHz
11 min.
at 2126.8~2152.6MHz
PHS
LFB212G45SG8A127
2450
fo
±50
1.5 max.
(at 25
°C)
25 min.
at 1200~1300MHz
10.0 min.
at 2000MHz
WLAN/BT
LFB212G45SG8A143
2450
fo
±50
2.7 max.
(at 25
°C)
20 min.
at 880~1710MHz
30 min.
at 1710~1990MHz
WLAN/BT
LFB212G45SG8A166
2450
fo
±50
1.4 max.
(at 25
°C)
30 min.
at 824~960MHz
30 min.
at 1710~1910MHz
WLAN/BT
LFB212G45SG8A192
2450
fo
±50
2.6 max.
(at 25
°C)
40 min.
at 880~960MHz
38 min.
at 1710~1990MHz
WLAN/BT
LFB212G49SG8B830
2495
fo
±195
2.4 max.
(at 25
°C)
30 min.
at 824~960MHz
9 min.
at 1710~1990MHz
WIMAX
LFB213G60SG8B831
3600
fo
±300
1.5 max.
(at 25
°C)
32 min.
at 824~960MHz
24 min.
at 1710~1990MHz
WIMAX
LFB215G12SG8A178
5125
fo
±225
1.5 max.
(at 25
°C)
25 min.
at 4200MHz
17 min.
at 2x(fo
±225)MHz
WLAN/BT
LFB215G12SG8A183
5125
fo
±225
1.5 max.
(at 25
°C)
9.0 min.
at 4250MHz
9.5 min.
at 5900MHz
WLAN/BT
Continued on the following page.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
10.12.17


Similar Part No. - LFB182G45SG9A272

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFB182G45SG9A272 MURATA-LFB182G45SG9A272 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB182G45SG9A272 MURATA1-LFB182G45SG9A272 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
More results

Similar Description - LFB182G45SG9A272

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFB182G45SG9E181 MURATA-LFB182G45SG9E181 Datasheet
168Kb / 2P
   LC Filters(BPF)
LFB155G37CB1C032 MURATA-LFB155G37CB1C032_17 Datasheet
212Kb / 3P
   LC Filters(BPF)
logo
Murata Manufacturing Co...
LFB212G45CG7D227 MURATA1-LFB212G45CG7D227 Datasheet
161Kb / 2P
   LC Filters(BPF)
11/16/2022
logo
Murata Manufacturing Co...
LFB151G81CD1B945 MURATA-LFB151G81CD1B945 Datasheet
167Kb / 2P
   LC Filters(BPF)
LFB182G45CGFD436 MURATA-LFB182G45CGFD436 Datasheet
169Kb / 2P
   LC Filters(BPF)
LFB185G54CGLD602 MURATA-LFB185G54CGLD602 Datasheet
167Kb / 2P
   LC Filters(BPF)
LFB152G45CB2D320 MURATA-LFB152G45CB2D320 Datasheet
169Kb / 2P
   LC Filters(BPF)
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFL215G78TC1A155 MURATA-LFL215G78TC1A155 Datasheet
474Kb / 17P
   Filters for Communication Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com