Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDXS0512C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part No. NDXS0512C
Description  Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NDXS0512C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NDXS0512C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NDXS0512C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NDXS0512C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NDXS0512C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NDXS0512C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NDXS0512C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NDX Series
Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
KDC_NDXC.G01 Page 2 of 6
All enquiries: www.murata-ps.com/support
www.murata-ps.com
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input types
4.5
5
9
V
12V input types
9
12
18
24V input types
18
24
36
48V input types
36
48
75
Reflected ripple current
5V input types with 100μF at input
70
mA p-p
12V input types with 100μF at input
18
24V input types with 10μF at input
90
48V input types with 10μF at input
80
5V input types with 100μF at input
115
12V input types with 100μF at input
60
24V input types with 10μF at input
50
48V input types with 10μF at input
54
Ripple & noise1
BW=20Hz to 300kHz, with external input/output capacitors
5
10
mVrms
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated power
NDXx0505 types
6.0
W
All other types
7.5
Voltage set point accuracy
With external input/output capacitors
5V & 12V Input
±3
±5
%
24V & 48V Input
±2
±5
Line regulation
Low line to high line, with external
input/output capacitors
Dual output
5V & 12V Input
0.1
0.9
%
24V & 48V Input
0.04
0.4
Single output
All types
0.04
0.4
Load regulation
25% total load to 100% total load
With external input/output capacitors
Dual output
5V & 12V input
0.2
0.9
%
24V & 48V input
0.2
0.75
Single output
All types
0.07
0.20
Cross regulation
(dual outputs)
% voltage change on negative output
when positive load varies from 25%
to 75% with negative load fixed at
100%
5V & 12V input
5V output
3.8
6
%
12V, 15V output
1.5
5
24V & 48V input
5V output
2.5
7
12V, 15V output
2.5
5
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
(Max. case temperature rise 95°C above ambient)
12V, 15V outputs
Continuous
5V output, VIN = nominal, 25ºC Continuous
Lead temperature 1.0mm from case for 10 seconds (to JEDEC
JESD22-B106 ISS C)
260°C
Minimum output load for specification2
25% of rated load on each output
Control pin input voltage
7V
Input voltage, NDXD05,
10V
Input voltage, NDXD12, NDXS12 types
20V
Input voltage, NDXD24, NDXS24 types
40V
Input voltage, NDXD48, NDXS48 types
80V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso = 1kVDC
1
1. See ripple & noise characterisation method
2. Please refer to minimum load application notes section on page 4.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn